Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAG Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAG
Description  Recoil Type for Single Side and Both Sides
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAG Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSAG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAG Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSAG Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
114
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Dimensions
Unit:mm
Style
No.
4
PC board mounting hole and land
dimensions
(Viewed from the direction A)
R
4-0.4
1
1
1
1.5
1.4
1.5
10.17
5
2-¿0.8
 
B→C 
Operating force : B→AA→B 1.5N
1N
AB
C
Travel:With detent
Travel:Momentary
A
Terminal No.1
9.05
0.9
0.2
1.1
8.8
5
holes
+0.1
0
2-¿0.9
4-0.7
1
1
1
1.1
5
1
1
Operating force : B→AB→C 1N
Terminal No.1
5
4-0.4
A
0.9
0.2
9.05
1
Travel:Momentary
AB
C
Travel:Momentary
1.5
1.4
1.5
0.12
8.77
2-¿0.8
0.45
holes
+0.1
0
2-ø
0.9
4-0.7
1.2
8
1.2
5
8.92
1
1
1
6
Terminal No.1
10.17
5
2-¿0.8
Operating force : B→AB→C 1N
AB
C
Travel:Momentary
Travel:Momentary
A
1.5
1.4
1.5
0.9
0.2
9.05
4-0.4
11
1
1.1
8.8
5
holes
+0.1
0
2-¿0.9
4-0.7
1
1
1
1.1
Circuit Diagram(Viewed from Direction A)
1
2
3
4
Above dimensions indicate "with location lug" version.
Note
Recoil Type for Single Side and Both Sides
SSAG Series
Slide Switch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com