Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCF Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCF
Description  Two-way Detection Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCF Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCF Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Two-way Detection Type
SSCF Series
Power
46
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Poles
1
2
Non shorting
Positions
1
2
4
3
Drawing
No.
Product No.
Changeover
timing
PC board
Screw
PC board
with hook
Mounting
method
3,000
Minimum
order unit
(pcs)
For PC board
Lead
For PC board
Terminal
type
SSCF110100
SSCF210100
SSCF210300
SSCF310100
Product Line
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit
(integer).
Notes
Detection from both left and right direction contributes to improved and flexible
design of the set mechanism.
Detector Switch
Operating life
0.1A 12V DC/50
BA 3V DC
0.7N max.
100m
Ω max./300mΩ max.
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
50,000cycles
(0.1A 12V DC)
Without load
With load
Typical Specifications
P2.5
5-ø0.9 holes
Terminal No.1
Travel
Momentary
ON
OFF
(7)(7)
36˚
36˚
(2)
(2)
2
(27˚
)
18˚
(27˚)
11
2.5
0.6
PC board
mounting face
0.83
0.35
2
3.9
5.8
1
For PC board
Unit:mm
Dimensions
Style
Photo
No.
PC board mounting hole
dimensions


Similar Part No. - SSCF

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCF110100 ALPS-SSCF110100 Datasheet
962Kb / 4P
Two-way Detection Type
SSCF210100 ALPS-SSCF210100 Datasheet
962Kb / 4P
Two-way Detection Type
SSCF210300 ALPS-SSCF210300 Datasheet
962Kb / 4P
Two-way Detection Type
SSCF310100 ALPS-SSCF310100 Datasheet
962Kb / 4P
Two-way Detection Type
SSCF ALPS-SSCF_15 Datasheet
962Kb / 4P
Two-way Detection Type
More results

Similar Description - SSCF

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SSCF ALPS-SSCF_15 Datasheet
962Kb / 4P
Two-way Detection Type
SSCL ALPS-SSCL Datasheet
1Mb / 3P
Two-way Detection Type with Female Connector Terminal
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
Compact Two-way Detection Type
SSCQ ALPS-SSCQ Datasheet
1Mb / 3P
Compact Two-way, Two-step Detection Type
SSCW ALPS-SSCW_15 Datasheet
826Kb / 3P
Two-way Detection Type with Female Connector Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com