Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP124ARHZ-3.3-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP124ARHZ-3.3-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP124ARHZ-3.3-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP124ARHZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP124ARHZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP124ARHZ-3.3-R7 Datasheet HTML 9Page - Analog Devices ADP124ARHZ-3.3-R7 Datasheet HTML 10Page - Analog Devices ADP124ARHZ-3.3-R7 Datasheet HTML 11Page - Analog Devices ADP124ARHZ-3.3-R7 Datasheet HTML 12Page - Analog Devices ADP124ARHZ-3.3-R7 Datasheet HTML 13Page - Analog Devices ADP124ARHZ-3.3-R7 Datasheet HTML 14Page - Analog Devices ADP124ARHZ-3.3-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP124/ADP125
Rev. 0 | Page 11 of
20
THEORY OF OPERATION
The ADP124/ADP125 are low quiescent current, low dropout
linear regulators that operate from 2.3 V to 5.5 V and can provide
up to 500 mA of output current. Drawing a low 210 μA of quies-
cent current (typical) at full load makes the ADP124/ADP125
ideal for battery-operated portable equipment. Shutdown current
consumption is typically 100 nA.
Optimized for use with small 1 μF ceramic capacitors, the
ADP124/ADP125 provide excellent transient performance.
Internally, the ADP124/ADP125 consist of a reference, an error
amplifier, a feedback voltage divider, and a PMOS pass transistor.
Output current is delivered via the PMOS pass device, which is
controlled by the error amplifier. The error amplifier compares
the reference voltage with the feedback voltage from the output
and amplifies the difference. If the feedback voltage is lower than
the reference voltage, the gate of the PMOS device is pulled lower,
allowing more current to pass and increasing the output voltage.
If the feedback voltage is higher than the reference voltage, the
gate of the PMOS device is pulled higher, allowing less current
to pass and decreasing the output voltage.
The adjustable ADP125 has an output voltage range of 0.8 V to
5.0 V. The output voltage is set by the ratio of two external resistors,
as shown in Figure 2. The device servos the output to maintain
the voltage at the ADJ pin at 0.5 V referenced to ground. The
current in R1 is then equal to 0.5 V/R2 and the current in R1 is
the current in R2 plus the ADJ pin bias current. The ADJ pin
bias current, 15 nA at 25°C, flows through R1 into the ADJ pin.
The output voltage can be calculated using the equation:
VOUT = 0.5 V(1 + R1/R2) + (ADJI-BIAS)(R1)
The value of R1 should be less than 200 kΩ to minimize errors
in the output voltage caused by the ADJ pin bias current. For
example, when R1 and R2 each equal 200 kΩ, the output voltage
is 1.0 V. The output voltage error introduced by the ADJ pin
bias current is 3 mV or 0.3%, assuming a typical ADJ pin bias
current of 15 nA at 25°C.
Note that in shutdown, the output is turned off and the divider
current is 0.
The ADP124/ADP125 use the EN pin to enable and disable the
VOUT pin under normal operating conditions. When EN is high,
VOUT turns on; when EN is low, VOUT turns off. For automatic
startup, EN can be tied to VIN.
SHORT CIRCUIT,
UVLO, AND
THERMAL
PROTECT
0.5V REFERENCE
ADP124
SHUTDOWN
VIN
VOUT
R1
R2
GND
NOTES
1. R1 AND R2 ARE INTERNAL RESISTORS, AVAILABLE ON
THE ADP124 ONLY.
EN
VOUT SENSE
Figure 26. ADP124 Internal Block Diagram (Fixed Output)
SHORT CIRCUIT,
UVLO, AND
THERMAL
PROTECT
0.5V REFERENCE
SHUTDOWN
VIN
VOUT
GND
EN
ADP125
ADJ
Figure 27. ADP125 Internal Block Diagram (Adjustable Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com