Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1108PL Datasheet(PDF) 12 Page - ams AG

Part # AS1108PL
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108PL Datasheet(HTML) 12 Page - ams AG

Back Button AS1108PL Datasheet HTML 8Page - ams AG AS1108PL Datasheet HTML 9Page - ams AG AS1108PL Datasheet HTML 10Page - ams AG AS1108PL Datasheet HTML 11Page - ams AG AS1108PL Datasheet HTML 12Page - ams AG AS1108PL Datasheet HTML 13Page - ams AG AS1108PL Datasheet HTML 14Page - ams AG AS1108PL Datasheet HTML 15Page - ams AG AS1108PL Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.austriamicrosystems.com
Revision 2.11
12 - 19
AS1108
Data Sheet - D e t a i l e d D e s c r i p t i o n
Feature Register (0xXE)
The Feature Register is used for switching the device into external clock mode, applying an external reset, selecting
code-B or HEX decoding, enabling or disabling blinking, enabling or disabling the SPI-compatible interface, setting the
blinking rate, and resetting the blink timing.
Note: At power-up the Feature Register is initialized to 0.
No-Op Register (0xX0)
The No-Op Register is used when multiple AS1108 devices are cascaded in order to support displays with more than 4
digits. The cascading must be done in such a way that all DOUT pins are connected to DIN of the next AS1108 (see
Figure 12 on page 15). The LOAD/CSN and CLK signals are connected to all devices.
For example, if five devices are cascaded, in order to perform a write operation to the fifth device, the write-command
must be followed by four no-operation commands. When the LOAD/CSN signal goes high, all shift registers are
latched. The first four devices will receive no-operation commands and only the fifth device will receive the intended
operation command, and subsequently update its register.
Table 17. Feature Register Summary
D7
D6
D5
D4
D3
D2
D1
D0
blink_
start
sync
blink_
freq_sel
blink_en
spi_en
decode_sel
reg_res
clk_en
Table 18. Feature Register Bit Descriptions (Address (HEX) = 0xXE))
Addr: 0xXE
Feature Register
Enables and disables various device features.
Bit
Bit Name
Default
Access
Bit Description
D0
clk_en
0R/W
External clock select.
0 = Internal oscillator is used for system clock.
1 = Pin CLK of the serial interface operates as system clock input.
D1
reg_res
0R/W
Resets all control registers except the Feature Register.
0 = Reset Disabled. Normal operation.
1 = All control registers are reset to default state (except the Feature
Register) identically after power-up.
Note: The Digit Registers maintain their data.
D2
decode_sel
0R/W
Selects display decoding.
0 = Enable Code-B decoding (see Table 10 on page 9).
1 = Enable HEX decoding (see Table 11 on page 10).
D3
spi_en
0R/W
Enables the SPI-compatible interface.
0 = Disable SPI-compatible interface.
1 = Enable the SPI-compatible interface.
D4
blink_en
0R/W
Enables blinking.
0 = Disable blinking.
1 = Enable blinking.
D5
blink_freq_sel
0R/W
Sets blink with low frequency (with the internal oscillator enabled):
0 = Blink period typically is 1 second (0.5s on, 0.5s off).
1 = Blink period is 2 seconds (1s on, 1s off).
D6
sync
0R/W
Synchronizes blinking on the rising edge of pin LOAD/CSN. The
multiplex and blink timing counter is cleared on the rising edge of pin
LOAD/CSN. By setting this bit in multiple AS1108 devices, the blink
timing can be synchronized across all the devices.
D7
blink_start
0R/W
Start Blinking with display enabled phase. When bit D4 (blink_en) is set,
bit D7 determines how blinking starts.
0 = Blinking starts with the display turned off.
1 = Blinking starts with the display turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com