Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1110 Datasheet(PDF) 13 Page - ams AG

Part # AS1110
Description  Constant-Current, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1110 Datasheet(HTML) 13 Page - ams AG

Back Button AS1110 Datasheet HTML 9Page - ams AG AS1110 Datasheet HTML 10Page - ams AG AS1110 Datasheet HTML 11Page - ams AG AS1110 Datasheet HTML 12Page - ams AG AS1110 Datasheet HTML 13Page - ams AG AS1110 Datasheet HTML 14Page - ams AG AS1110 Datasheet HTML 15Page - ams AG AS1110 Datasheet HTML 16Page - ams AG AS1110 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.austriamicrosystems.com
Revision 1.04
13 - 24
AS1110
Datasheet - D e t a i l e d D e s c r i p t i o n
Detailed Error Reports
The detailed error report can be read out after global error mode has been run. At the falling edge of LD, the detailed
error report of the selected test is latched into the shift register and can be clocked out with n*16 clock cycles (n is the
number of AS1110s in a chain) via pin SDO. At the same time new data can be written into the shift register, which is
loaded on the next rising edge of pin LD. This pattern is shown at the output drivers, at the falling edge of OEN.
Detailed Temperature Warning Report
The detailed temperature warning report can be read out immediately after global error mode has been run. SDI must
be 1 for the first device. Bit0 of the 16bit data word represents the temperature flag of the chip.
Figure 14. Detailed Temperature Warning Report Timing Diagram
Detailed Temperature Warning Report Example
Consider a case where four AS1110s are cascaded in one chain. The detailed error report lists the temperatures for
each device in the chain:
IC1:[70°] IC2:[85°] IC3:[170°] IC4:[60°]
In this case, IC3 is overheated and will generate a global error, and therefore 4*16 clock cycles are needed to write out
the detailed temperature warning report, and optionally read in new data. The detailed temperature warning report
would look like this:
XXXXXXXXXXXXXXX1 XXXXXXXXXXXXXXX1 XXXXXXXXXXXXXXX0 XXXXXXXXXXXXXXX1
The 0 in the detailed temperature warning report indicates that IC3 is the device with the over-temperature condition.
Note: In an actual report there are no spaces in the output.
Global Flag Readout
Detailed Error Report Readout
tH(L)
tP4
tP4
SDI
OEN
LD
CLK
SDO
New Data Input
TFLAG
DBit15
Undefined
Don’t
Care
Don’t
Care
Temperature Error Report Output
DBit14
DBit13 DBit12
DBitn
DBit2
DBit1
DBit0
TBit0
t(SU)ERROR
tP1
For detailed timing information see Timing Diagrams on page 9.
tGSW(ERROR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com