Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1110-BSST Datasheet(PDF) 21 Page - ams AG

Part # AS1110-BSST
Description  Constant-Current, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1110-BSST Datasheet(HTML) 21 Page - ams AG

Back Button AS1110-BSST Datasheet HTML 16Page - ams AG AS1110-BSST Datasheet HTML 17Page - ams AG AS1110-BSST Datasheet HTML 18Page - ams AG AS1110-BSST Datasheet HTML 19Page - ams AG AS1110-BSST Datasheet HTML 20Page - ams AG AS1110-BSST Datasheet HTML 21Page - ams AG AS1110-BSST Datasheet HTML 22Page - ams AG AS1110-BSST Datasheet HTML 23Page - ams AG AS1110-BSST Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.austriamicrosystems.com
Revision 1.04
21 - 24
AS1110
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The AS1110 is available in a 28-pin QFN (5x5mm) package and a 24-pin SSOP package.
Figure 24. 28-pin QFN (5x5mm) Packagee
Notes:Unilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals.
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters; angles in degrees.
3. N is the total number of terminals.
4. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC 95 SPP-012. Details of termi-
nal #1 identifier are optional but must be located within the zone indicated. The terminal #1 identifier may be either
a mold or marked feature.
5. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip. If one end
of the terminal has the optional radius, the b dimension should not be measured in that radius area.
6. Dimensions ND and NE refer to the number of terminals on each D and E side, respectively.
-C-
SIDE VIEW
PLANE
ccc C
0.08 C
NX
SEATING
D
D/2
INDEX AREA
aaa C
TOP VIEW
2x
4
(D/2 xE/2)
-B-
NXb
D2/2
D2
2
1
bbb
C A B
ddd
C
-B-
NN-1
BTM VIEW
6
5
(D/2 xE/2)
INDEX AREA
4
SEE
DETAIL B
SEE
DETAIL B
Datum A or B
ODD TERMINAL SIDE
Terminal Tip
e
5
Symbol
Min
Typ
Max
Notes
A
0.70
0.75
0.80
1, 2
A1
0.00
0.02
0.05
1, 2
A3
0.20 REF
1, 2
L
0.45
0.55
0.65
1, 2
L1
0.03
0.15
1, 2
aaa0.151, 2
bbb0.101, 2
ccc
0.10
1, 2
ddd0.051, 2
eee0.081, 2
ggg0.101, 2
Symbol
Min
Typ
Max
Notes
D BSC
5.00
1, 2
E BSC
5.00
1, 2
D2
3.00
3.15
3.25
1, 2
E2
3.00
3.15
3.25
1, 2
K0.20
1, 2
b
0.18
0.25
0.30
1, 2, 5
e0.50
N28
1, 2
ND
7
1, 2, 5
NE
7
1, 2, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com