Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109-BSST Datasheet(PDF) 3 Page - ams AG

Part # AS1109-BSST
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109-BSST Datasheet(HTML) 3 Page - ams AG

  AS1109-BSST Datasheet HTML 1Page - ams AG AS1109-BSST Datasheet HTML 2Page - ams AG AS1109-BSST Datasheet HTML 3Page - ams AG AS1109-BSST Datasheet HTML 4Page - ams AG AS1109-BSST Datasheet HTML 5Page - ams AG AS1109-BSST Datasheet HTML 6Page - ams AG AS1109-BSST Datasheet HTML 7Page - ams AG AS1109-BSST Datasheet HTML 8Page - ams AG AS1109-BSST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
3 - 26
AS1109
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
16-pin SSOP-150
16-pin SOIC-150
16-pin QFN
(4x4mm)
1
15
GND
Ground
216
SDI
Serial Data Input
31
CLK
Serial Data Clock. The rising edge of the CLK signal is used to clock
data into and at the falling edge out of the AS1109 shift register. In error
mode, the rising edge of the CLK signal is used to switch error modes.
42
LD
Serial Data Load. Data is transferred to the data register at the rising
edge of this pin.
5:12
3:10
OUTN0:7
Output Current Drivers. These pins are used as LED drivers or for
input sense for diagnostic modes.
13
11
OEN
Output Enable. The active-low pin OEN signal can always enable
output drivers to sink current independent of the AS1109 mode.
0 = Output drivers are enabled.
1 = Output drivers are disabled.
14
12
SDO
Serial Data Output. In normal mode SDO is clocked out 8.5 clock cycles
after SDI is clocked in.
In global error detection mode this pin indicates the occurrence of a
global error.
0 = Global error mode returned an error.
1 = No errors.
15
13
REXT
External Resistor Connection. This pin connects through the external
resistor (REXT) to GND, to setup the load current.
16
14
VDD
Positive Supply Voltage
1
GND
AS1109
16
VDD
2
SDI
3
CLK
4
LD
5
OUTN0
15 REXT
14 SDO
13 OEN
9 OUTN4
8
OUTN3
7
OUTN2
6
OUTN1
12 OUTN7
11 OUTN6
10 OUTN5
SDO
GND
VDD REXT
13
6
12
OUTN7
10
5
14
15
CLK
1
LD
2
OUTN1
4
AS1109
16-pin QFN
(4x4mm)
OUTN0
3
7
8
OUTN6
9
OEN
11
SDI
16
16-pin SSOP-150
16-pin SOIC-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com