Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1113 Datasheet(PDF) 10 Page - ams AG

Part # AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Datasheet(HTML) 10 Page - ams AG

Back Button AS1113 Datasheet HTML 6Page - ams AG AS1113 Datasheet HTML 7Page - ams AG AS1113 Datasheet HTML 8Page - ams AG AS1113 Datasheet HTML 9Page - ams AG AS1113 Datasheet HTML 10Page - ams AG AS1113 Datasheet HTML 11Page - ams AG AS1113 Datasheet HTML 12Page - ams AG AS1113 Datasheet HTML 13Page - ams AG AS1113 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.austriamicrosystems.com
Revision 1.03
10 - 24
AS1113
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 10. Data Input Timing Diagram
Figure 11. Data Input Example Timing Diagram
SDI0
CLK
OEN
LD
SDO0
16 CLK Pulses
tSU(OE)
tW(L)
tSU(L)
tW(OE)
tH(D)
tP1
Data Bit
15
Data Bit
14
Data Bit
13
Data Bit
12
Data Bit
n
Data Bit
2
Data Bit
1
Data Bit
0
Old Data
Bit 15
Old Data
Bit 14
Old Data
Bit 13
Old Data
Bit 12
Old Data
Bit n
Old Data
Bit 2
Old Data
Bit 1
Old Data
Bit 0
Don’t Care
Don’t Care
tSU(D)
D6
D7
D5
D4
D2
D1
D0
D3
D14
D1
D13 D12
D10
D9
D8
D11
SDI
OEN
LD
OUTN0
OUTN1
OUTN7
OUTN2
OUTN3
OUTN4
OUTN5
OUTN6
1
2
3
4
5
6
7
Time
CLK
OUTN8
OUTN9
OUTN15
OUTN10
OUTN11
OUTN12
OUTN13
OUTN14
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
8
9
10
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com