Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1153 Datasheet(PDF) 13 Page - ams AG

Part # AS1153
Description  Single/Dual LVDS Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153 Datasheet(HTML) 13 Page - ams AG

Back Button AS1153 Datasheet HTML 7Page - ams AG AS1153 Datasheet HTML 8Page - ams AG AS1153 Datasheet HTML 9Page - ams AG AS1153 Datasheet HTML 10Page - ams AG AS1153 Datasheet HTML 11Page - ams AG AS1153 Datasheet HTML 12Page - ams AG AS1153 Datasheet HTML 13Page - ams AG AS1153 Datasheet HTML 14Page - ams AG AS1153 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
13 - 15
AS1153/55
Data Sheet - P a c k age Drawin gs an d Ma rkings
10 Package Drawings and Markings
The AS1155/58 and AS1153/57 are available in a 8-pin SOIC package.
Figure 22. 8-pin SOIC Package Diagram
Note:
1. Lead coplanarity should be 0 to 0.10MM max.
2. Package surface finishing:
Top: Matte (Charmilles #18~30)
All Sides: Matte (Charmilles #18~30)
Bottom: Smooth or Matte (Charmilles #18~30)
3. All dimension excluding Mold Flashes and End Flash from the package body shall not exceed 0.25MM per side (D)
4. Details of PIN #1 identifier are optional, but must be located within the zone indicated.
Table 6. 8-pin SOIC Package Dimensions
SOIC - 8LD
Symbol
MILLIMETERS
Symbol
MILLIMETERS
MIN
MAX
MIN
MAX
A1
0.10
0.25
h
0.25
0.50
B
0.36
0.48
L
0.41
1.27
D
4.80
4.98
A
1.52
1.72
E
3.81
3.99
e
1.27 BSC
ZD
0.53 REF
H
5.80
6.20
A2
1.37
1.57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com