Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1322 Datasheet(PDF) 9 Page - ams AG

Part # AS1322
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322 Datasheet(HTML) 9 Page - ams AG

Back Button AS1322 Datasheet HTML 5Page - ams AG AS1322 Datasheet HTML 6Page - ams AG AS1322 Datasheet HTML 7Page - ams AG AS1322 Datasheet HTML 8Page - ams AG AS1322 Datasheet HTML 9Page - ams AG AS1322 Datasheet HTML 10Page - ams AG AS1322 Datasheet HTML 11Page - ams AG AS1322 Datasheet HTML 12Page - ams AG AS1322 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.austriamicrosystems.com
Revision 1.07
9 - 17
AS1322
Data Sheet - Ap p lica tio n In fo r m a tio n
9 Application Information
The AS1322 is perfectly suited for LED matrix displays, bar-graph displays, instrument-panel meters, dot matrix dis-
plays, set-top boxes, white goods, professional audio equipment, medical equipment, industrial controllers to name a
few applications.
Along with Figure 1 on page 1, Figures 16-19 depict a few of the many applications for which the AS1322 converters
are perfectly suited.
Figure 16. Single AA Cell to 3.3V Synchronous Boost Converter with Load Disconnect in Shutdown
Figure 17. Single Lithium Cell to 5V, 250mA
AS1322
C2
4.7µF
R2
604k
Ω
1%
On
Off
Q1
L1
4.7µH
AA
Battery
C1
4.7µF
R3
510k
Ω
R3
510k
Ω
VOUT
3.3V, 160mA
D1
R1
1.02M
Ω
1%
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT
AS1322
C2
4.7µF
R2
332k
Ω 1%
R1
1.02M
Ω 1%
On
Off
L1
4.7µH
Lithium
Battery
C1
4.7µF
D1
C3
100pF
100nF
2
Ω
Optional
Snubber
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com