Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 9 Page - ams AG

Part # AS1323
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 9 Page - ams AG

Back Button AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG AS1323 Datasheet HTML 10Page - ams AG AS1323 Datasheet HTML 11Page - ams AG AS1323 Datasheet HTML 12Page - ams AG AS1323 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
9 - 14
AS1323
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Figure 20. Typical Application
Inductor Selection
The control scheme of the AS1323 allows for a wide range if inductor values. A 10µH inductor should be sufficient for
most applications (see Figure 20).
Smaller inductance values typically offer smaller physical size for a given series resistance, allowing the smallest over-
all circuit dimensions. Applications using larger inductance values may startup at lower battery voltages, provide higher
efficiency and exhibit less ripple, but they may reduce the maximum output current. This occurs when the inductance is
sufficiently large to prevent the maximum current limit (ILIMIT) from being reached before the maximum on-time (tON)
expires (see Electrical Characteristics on page 4).
For maximum output current, the inductor value should be chosen such that the controller reaches the current-limit
before the maximum on-time is triggered:
tONMAX is 6µs (typ).
ILIMIT is 400mA (typ).
For larger inductor values, the peak inductor current (IPEAK) can be determined by:
The inductor’s incremental saturation current rating should be greater than the peak switching current. However, it is
generally advisable to bias the inductor into saturation by as much as 20%, although this will slightly reduce efficiency.
Maximum Output Current
The maximum output current (IOUTMAX) is a function of IPEAK, VIN, VOUT, and the overall efficiency (
η) as indicated in
the formula for determining IOUTMAX:
AS1323
3
SHDNN
1
VBATT
4
VOUT
5
LX
10µF
2
VSS
10µF
10µH
L
VBATT tON
⋅
ILIMIT
--------------------------------
>
(EQ 1)
IPEAK
VBATT tON
⋅
L
--------------------------------
=
(EQ 2)
IOUTMAX
1
2
--- IPEAK
VBATT
VOUT
-----------------
⎝⎠
⎛⎞ η
⋅⋅
⋅
=
(EQ 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com