Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1322B Datasheet(PDF) 12 Page - ams AG

Part # AS1322B
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322B Datasheet(HTML) 12 Page - ams AG

Back Button AS1322B Datasheet HTML 8Page - ams AG AS1322B Datasheet HTML 9Page - ams AG AS1322B Datasheet HTML 10Page - ams AG AS1322B Datasheet HTML 11Page - ams AG AS1322B Datasheet HTML 12Page - ams AG AS1322B Datasheet HTML 13Page - ams AG AS1322B Datasheet HTML 14Page - ams AG AS1322B Datasheet HTML 15Page - ams AG AS1322B Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com
Revision 1.07
12 - 17
AS1322
Data Sheet - Ap p lica tio n In fo r m a tio n
Figure 20. Efficiency Comparison of Different Inductors, VIN = 1.5V, VOUT = 3.3V
Output Capacitor Selection
Low ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since
they have extremely low ESR and are available in small footprints. A 2.2 to 10µF output capacitor is sufficient for most
applications. Larger values up to 22µF may be used to obtain extremely low output voltage ripple and improve tran-
sient response.
An additional phase lead capacitor may be required with output capacitors larger than 10µF to maintain acceptable
phase margin. X5R and X7R dielectric materials are recommended due to their ability to maintain capacitance over
wide voltage and temperature ranges.
Input Capacitor Selection
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Ceramic
capacitors are recommended for input decoupling and should be located as close to the device as is practical. A 4.7µF
input capacitor is sufficient for most applications. Larger values may be used without limitations.
Diode Selection
A Schottky diode should be used to carry the output current for the time it takes the PMOS synchronous rectifier to
switch on. For VOUT < 4.5V a Schottky diode is optional, although using one will increase device efficiency by 2 to 3%.
Note: Do not use ordinary rectifier diodes, since the slow recovery times will compromise efficiency.
Table 6. Recommended Output Capacitor
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
JMK212BJ226MG-T
22µF ±20%
X5R
6.3V
2x1.3x1.3mm
Taiyo Yuden
www.t-yuden.com
Table 7. Recommended Input Capacitor
Part Number
C
TC Code Rated Voltage
Dimensions (L/W/T)
Manufacturer
GRM31CR70J106KA01L 10µF ±10%
X7R
6.3V
3.2x1.6x1.6mm
Murata
www.murata.com
100
10
76
78
80
82
84
86
88
90
92
Output Current (mA)
10uH - Coi l cr af t (M OS6020-103M L)
10uH - Sumi da(CDRH4D18-100)
6. 8uH - Sumi da(CDRH4D18-6R8)
6. 8uH - Sumi da(CR43-6R8)
4. 7uH - Coi l c r af t (M OS6020-472M L)
4. 7 uH - Sumi da(CDRH4D18-4R7)
3. 3 uH - Coi l c r af t (M OS6020-332M L)
Si
8
40
45
50
55
60
65
70
75
80
85
90
0.1
1
10
Output Current (mA)
10uH - Coi l c r af t (M OS6020-103M L)
10uH - Sumi da(C DRH4D18-100)
6. 8uH - Sumi da(CDRH4D18-6R8)
6. 8uH - Sumi da(CR43-6R8)
4. 7uH - Coi l c r af t (M OS6020-472M L)
4. 7 uH - Sumi da(CDRH4D18-4R 7)
3. 3 uH - Coi l c r af t (M OS6020-332M L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com