Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324-12 Datasheet(PDF) 2 Page - ams AG

Part # AS1324-12
Description  1.5MHz, 600mA, DC/DC Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324-12 Datasheet(HTML) 2 Page - ams AG

  AS1324-12 Datasheet HTML 1Page - ams AG AS1324-12 Datasheet HTML 2Page - ams AG AS1324-12 Datasheet HTML 3Page - ams AG AS1324-12 Datasheet HTML 4Page - ams AG AS1324-12 Datasheet HTML 5Page - ams AG AS1324-12 Datasheet HTML 6Page - ams AG AS1324-12 Datasheet HTML 7Page - ams AG AS1324-12 Datasheet HTML 8Page - ams AG AS1324-12 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
2 - 20
AS1324
Data Sheet - P i n o u t a n d P a c k a g i n g
4 Pinout and Packaging
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin
Number
Pin Name
Description
1EN
Enable Input. Driving this pin above 1.5V enables the device. Driving this pin below 0.3V
puts the device in shutdown mode. In shutdown mode all functions are disabled while SW
goes high impedance, drawing <1µA supply current.
Note: This pin should not be left floating.
2GND
Ground.
3SW
Switch Node Connection to Inductor. This pin connects to the drains of the internal main
and synchronous power MOSFET switches.
4VIN
Input Supply Voltage. This pin must be closely decoupled to GND with a
≥ 4.7µF ceramic
capacitor. Connect to any supply voltage between 2.7 to 5.5V.
5
VFB
Feedback Pin. This pin receives the feedback voltage from the external resistor divider
across the output. (Adjustable voltage variant only.)
VOUT
Output Voltage Feedback Pin. An internal resistor divider steps the output voltage down
for comparison to the internal reference voltage. (Fixed voltage variants only.)
5
VFB
AS1324
4VIN
2
GND
3
SW
1
EN
5
VOUT
AS1324-12/
AS1324-15/
AS1324-18
4VIN
2
GND
3
SW
1
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com