Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1337 Datasheet(PDF) 9 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 9 Page - ams AG

Back Button AS1337 Datasheet HTML 5Page - ams AG AS1337 Datasheet HTML 6Page - ams AG AS1337 Datasheet HTML 7Page - ams AG AS1337 Datasheet HTML 8Page - ams AG AS1337 Datasheet HTML 9Page - ams AG AS1337 Datasheet HTML 10Page - ams AG AS1337 Datasheet HTML 11Page - ams AG AS1337 Datasheet HTML 12Page - ams AG AS1337 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
9 - 14
AS1337
Datasheet - D e t a i l e d D e s c r i p t i o n
Shutdown Battery Feedthrough (AS1337A)
In shutdown the battery input of the AS1337A is connected to the output through the inductor and the small internal
synchronous rectifier P-FET. This allows the input battery to provide backup power for devices such as an idle micro-
controller, memory, or real-time-clock, without the usual diode forward drop. In this way a separate backup battery is
not needed.
Future Version (on request): Shutdown Battery Disconnect (AS1337B)
The AS1337B is designed to allow true output disconnect by opening both P-channel MOSFET rectifiers. This means
that VOUT is discharged and connected to GND.
POK Function
The POK output indicates if the output voltage is within 88% (typ.) of the nominal voltage level. As long as the output
voltage is within regulation the open-drain POK output is high impedance. The POK output can be tied to VIN or to
VOUT or to any external voltage up to VIN or VOUT via a pull-up resistance (see Figure 1 on page 1). If the output volt-
age drops below 88% (typ.) of the nominal voltage the POK pin is pulled to GND.
Note: It is important to consider that in shutdown mode the POK output is pulled to VIN in order to save current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com