Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 11 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 11 Page - ams AG

Back Button AS1340_1 Datasheet HTML 7Page - ams AG AS1340_1 Datasheet HTML 8Page - ams AG AS1340_1 Datasheet HTML 9Page - ams AG AS1340_1 Datasheet HTML 10Page - ams AG AS1340_1 Datasheet HTML 11Page - ams AG AS1340_1 Datasheet HTML 12Page - ams AG AS1340_1 Datasheet HTML 13Page - ams AG AS1340_1 Datasheet HTML 14Page - ams AG AS1340_1 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.austriamicrosystems.com
Revision 1.10
11 - 16
AS1340
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
LED Power Supply Application
The AS1340 can also be used for driving LEDs. Just simply connect the LEDs between the pins LX and FB. (see Fig-
ure 29).
Figure 29. LED Supply Application
The output voltage is adjusted automatically to the required voltage of the LEDs. This voltage depends on the forward
voltage (VF) of the used LEDs and the Feeback Voltage VFB.
Calculate VOUT by:
Note:
The brightness of the LEDs can directly be adjusted by setting the current ILED via the corresponding R2.
Calculate R2 by:
Where:
VFB = 1.25V
n .... number of LED’s
1
EN
7,9
GND
2
VCC
8
FB
5
LX
On
Off
AS1340
L1
4.7µH
C1
0.1µF
D1
COUT
1µF
R2
100
Ω
3
SWVIN
6
SWOUT
4
POK
C1
0.1µF
ILED
VIN = 2.7V
to 5.5V
(EQ 3)
VOUT
VF ILED
() n
×
VFB
+
=
(EQ 4)
ILED
VFB
R2
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com