Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W005 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # 2W005
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

2W005 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  2W005 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. 2W005 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
2W005 THRU 2W10
2W005 thru 2W10 SERIES
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
CHENG- YI
ELECTRONIC
Fig.3 - TYPICAL FORWARD
CHARACTERISTICS
0
AMBIENT TEMPERATURE, C
Fig.4 - TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE
100
10
1
0
10
20
30
40
50
60
NUMBER OF CYCLES AT 60 Hz
Fig.1 - MAXIMUM FORWARD SURGE CURRENT
Fig.2 - DERATING CURVE
OUTPUT RECTIFIED CURRENT
0
0
.4
.8
1.2
1.6
2.0
2.4
2.8
3.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
20
20
100
100
60
60
140
140
40
40
120
120
80
80
.01
.01
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.1
1.0
1.0
10
10
0
T =25 C
J
0
T =25 C
J
0
T =25 C
J
TYPICAL
DISTRIBUTION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com