Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF01 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # DF01
Description  SINGLE-PHASE GLASS BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

DF01 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  DF01 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. DF01 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
DF005 THRU DF10
SINGLE-PHASE GLASS BRIDGE
SINGLE-PHASE GLASS BRIDGE
CHENG- YI
CHENG- YI
ELECTRONIC
Fig.3 - TYPICAL FORWARD
CHARACTERISTICS
0
AMBIENT TEMPERATURE, C
Fig.4 - TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE
100
10
1
0
10
20
30
40
50
60
NUMBER OF CYCLES AT 60 Hz
Fig.1 - MAXIMUM FORWARD SURGE CURRENT
Fig.2 - DERATING CURVE
OUTPUT RECTIFIED CURRENT
0
0
.2
.4
.6
.8
10
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
20
20
100
100
60
60
140
140
40
40
120
120
80
80
.01
.01 0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.1
1.0
1.0
10
10
0
T =25 C
J
0
T =25 C
J
TYPICAL
DISTRIBUTION
0
T =25 C
J
DF005 thru DF10 SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com