Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP604 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP604
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP604 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP604 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP604 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP6 SERIES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
CHENG- YI
CHENG- YI
ELECTRONIC
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
REVERSE VOLTAGE -50 to 1000 Volts
FORWARD CURRENT -6.0 Amperes
FEATURES
Surge overload rating - 125 amperes peak
Low forward voltage drop
Small size: simple installation
Silver Plated Copper Leads
Mounting Position: Any
Case: Molded plastic with Heatsink interally
mounted in the bridge encapsulation
Maximum Average Forward
Rectified Outptu Current at
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
T
Operating Temperature Range C
T
Storage Temperature Range
A
Peak Forward Surge Current
8.3 ms single half sine-wave
super imposed on rated load
0
T
Maximum Reverse Current at Rated
=25 C
A
Maximum Forward Voltage Drop
per Bridge Element at 3.0A Peak
0
T
DC Blocking Voltage per Element
=100 C
A
UNITS
50
100
200
400
600
800
1000
V
V
A
mA
0C
0C
A
A
V
35
70
140
280
420
560
700
10.0
-55 to +125
-55 to +150
6.0
3.0
125
1.0
1.0
MP6005
MP601
MP602
MP604
MP606
MP608
MP610
0
T =100 C(Note1)
C
0
T =50 C(Note2)
A
NOTES: 1. Unit mounted on metal chassis
2. Unit mounted on P.C. Board


Similar Part No. - MP604

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP604 DCCOM-MP604 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP604 GOOD-ARK-MP604 Datasheet
95Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Formosa MS
MP604 FORMOSA-MP604 Datasheet
112Kb / 6P
Bridge Rectifier
logo
GOOD-ARK Electronics
MP604G GOOD-ARK-MP604G Datasheet
91Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - MP604

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
DONGGUAN YOU FENG WEI E...
W005 YFWDIODE-W005 Datasheet
119Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com