Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB62 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # PB62
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

PB62 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  PB62 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. PB62 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
Surge overload rating-150 amperese peak
Low forward voltage drop
Small size, simple installation
Silver plated copper leads
Mounting position:Any
Plastic material has UL flammability
classification 94V-0
UL recognized file # E149311
Lead solderable per MIL-STD-202
method 208
Electrically isolated base 1800Volts
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS
CURRENT
3.0 Amperes
KBPC6005
PB605
KBPC601
PB61
KBPC602
PB62
KBPC604
PB64
KBPC606
PB66
KBPC608
PB68
KBPC610
PB610
0
T
Maximum Average Forward
@
=50 C*
A
0
T
Output Current
@
=50 C**
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
V(AV)
IFSM
V
F
TJ
TSTG
IR
2
It
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
2
I t Rating for fusing(t<8.3ms)
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load
Maximum DC Forward Voltage
drop per element at 3.0A DC
0
T
Maximum DC Reverse Current at rated @
=25 C
A
0
T
DC Blocking Voltage Per Element @
=100 C
A
UNITS
50
100
200
400
600
800
1000
V
V
V
A
mA
2
A S
0C
0C
A
A
A
V
35
70
140
280
420
560
700
60
100
200
400
10
1
64
-55 to +125
-55 to +150
8.0
6.0
150
1.1
600
800
1000
PB6 SERIES
KBPC6 SERIES
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
0C/W
Typical Thermal Resistance
RJC
8


Similar Part No. - PB62

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PB62 MCC-PB62 Datasheet
81Kb / 2P
6 Amp Glass Passivated Rectifier 50 to 1000 Volts
PB62 MCC-PB62 Datasheet
118Kb / 3P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB62 MCC-PB62 Datasheet
273Kb / 3P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB62-BP MCC-PB62-BP Datasheet
118Kb / 3P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB62F MCC-PB62F Datasheet
128Kb / 3P
6 Amp Fast Recovery Bridge Rectifier 200 Volts
More results

Similar Description - PB62

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
DONGGUAN YOU FENG WEI E...
W005 YFWDIODE-W005 Datasheet
119Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com