Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP808 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP808
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP808 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP808 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP808 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
MP8 SERIES
CHENG- YI
CHENG- YI
ELECTRONIC
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
MP8 SERIES
FIG. 2 - DERATING CURVE
OUTPUT RECTIFIED CURRENT
0
TEMPERATURE, C
HEAT-SINK
MOUNTING TC
PC MOUNTING TA
10
8
6
4
2
0
50
100
150
FIG. 4- TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
FIG. 3 - TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
100
10
1.0
0.1
0.01
0
1
10
100
170
FIG. 1 - MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com