Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2066 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2066
Description  10-16GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2066 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2066 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2066 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA2066
10-16GHz Low Noise Amplifier
Ref. : DSCHA20661257 -14-Sept-01
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vd = +4V
Symbol
Parameter
Test
Condi
tions
Min
Typ
Max
Unit
Fop
Operating frequency range
10
16
Ghz
G
Gain (1)
14
16
dB
∆G
Gain flatness (1)
± 0.5
± 1.0
dB
NF
Noise figure (1)
2.0
2.5
dB
VSWRin
Input VSWR (1)
3.0:1
VSWRout
Ouput VSWR ( 11 to 16 GHz ) (1)
3.0:1
IP3
3rd order intercept point
20
dBm
P1dB
Output power at 1dB gain
compression
10
dBm
Id
Drain bias current (2)
45
mA
(1) These values are representative of on-wafer measurements that are made without bonding wires
at the RF ports. When the chip is attached with typical 0.3nH input and output bonding wires, the
indicated parameter values should be improved.
(2) This current is the typical value from the low noise low consumption biasing ( B & D grounded ).
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter (1)
Values
Unit
Vd
Drain bias voltage (3)
4.5
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these paramaters may cause permanent damage.
(2) Duration < 1s.
(3) For a typical biasing circuit :
B & D grounded. See chip biasing option page 7/8.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com