Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1010M Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP1010M
Description  10 AMPS EPOXY BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP1010M Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP1010M Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP1010M Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP10M SERIES
10 AMPS EPOXY BRIDGE RECTIFIER
10 AMPS EPOXY BRIDGE RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
0
10 Amps forward current at Tc+80 C
100 Amps peak one half cycle surge current
2000 Volts Minimum circuit-to-case insulation
Case:Moldedd plastic with heatsink interally
Mounted in the Bridge Encapsulation
Eletrically isolated metal case for maximum
heat dissipation
Mounting: thru hole for #6 screw
UL Recognized file # E149311
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS PRV
CURRENT
10 Amperes
MP1005 M
MP101 M
MP102 M
MP104 M
MP106M
MP108M
MP1010M
Maximum Average Forward
0
T
Output Current @
=25 C
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
V(AV)
IFSM
V
F
TJ
TSTG
IR
Maximum RMS Bridge Input Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load
Maximum DC Forward Voltage
drop per element at 5.0A DC
0
T
Maximum DC Reverse Current at rated @
=25 C
A
DC Blocking Voltage Per Element
UNITS
50
100
200
400
600
800
1000
V
V
A
0C
0C
A
A
V
35
70
140
280
420
560
700
10
-55 to +125
-55 to +150
10
200
1.1
*(Plastic case & Metal base)


Similar Part No. - MP1010M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MP1010 WTE-MP1010 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
logo
Comchip Technology
MP1010 COMCHIP-MP1010 Datasheet
35Kb / 2P
Silicon Bridge Rectifiers
logo
Dc Components
MP1010 DCCOM-MP1010 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
Won-Top Electronics
MP1010 WTE-MP1010 Datasheet
46Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
MP1010 GOOD-ARK-MP1010 Datasheet
93Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MP1010M

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
BR800 EDAL-BR800 Datasheet
68Kb / 1P
Silicon Bridge Rectifiers 8 Amps to 10 Amps
logo
RFE international
KBU10005 RFE-KBU10005 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
WILLAS ELECTRONIC CORP
GBU6AL WILLAS-GBU6AL Datasheet
198Kb / 2P
6 AMPS GLASS PASSIVATED BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
MDQ50 NAINA-MDQ50 Datasheet
164Kb / 2P
Single Phase Bridge Rectifier, 50 Amps
MDQ80 NAINA-MDQ80 Datasheet
225Kb / 2P
Single Phase Bridge Rectifier, 80 Amps
MDS160 NAINA-MDS160 Datasheet
321Kb / 2P
Three Phase Bridge Rectifier, 160 Amps
MDQ30 NAINA-MDQ30 Datasheet
146Kb / 2P
Single Phase Bridge Rectifier, 30 Amps
MDS200 NAINA-MDS200 Datasheet
304Kb / 2P
Three Phase Bridge Rectifier, 200 Amps
MDS80 NAINA-MDS80 Datasheet
212Kb / 2P
Three Phase Bridge Rectifier, 80 Amps
logo
New Jersey Semi-Conduct...
VJ048XM NJSEMI-VJ048XM Datasheet
93Kb / 1P
10 Amp Fast Recovery Time Epoxy Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com