Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP02
Description  15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP02 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP02 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP02 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
MP15, 25, 35 SERIES
15/25/35 AMPS.
SILICON BRIDGE RECTIFIERS
15/25/35 AMPS.
SILICON BRIDGE RECTIFIERS
CHENG- YI
CHENG- YI
ELECTRONIC
Fig. 3 - TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
1.0
10
100
1000
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
Fig. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
.01
0.1
1.0
10
0
20
100
60
140
40
120
80
0
T =25 C
J
20
0
5
10
15
20
25
30
35
100
60
140
160
40
120
80
Fig. 1 - FORWARD DERATING CURVE
0
CASE TEMPERATURE, C
Fig. 2 - PAEK FORWARD SURGE CURRENT
10
1
100
NUMBER OF CYCLES AT 60 Hz
60
100
200
400
300
83ms Single Half Sine Wave
MP35A
MP25A
MP15A
0
T =25 C
J
Pulse Width-300 s
RESISTIVE OR
INDUCTIVE
LOAD
MP35A
MP25A
MP15A
MP15,25,35 SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com