Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP50S Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP50S
Description  40,50S IN-LINE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP50S Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP50S Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP50S Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
MP40,50S SERIES
CHENG- YI
CHENG- YI
ELECTRONIC
40,50S IN-LINE
BRIDGE RECTIFIER
40,50S IN-LINE
BRIDGE RECTIFIER
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics (per element)
0.01
0.1
1.0
10
100
o
TJ = 25 C
o
TJ = 125 C
NUMBER OF CYCLES AT 60 Hz
V
REVERSE VOLTAGE (V)
R,
Fig. 3 Max Non-Repetitive Surge Current
Fig. 4 Typical Junction Characteristics (per element)
0
1
10
100
100
200
300
400
o
TJ = 150 C
Single Half Sine-Wave
(JEDEC Method)
0.1
1.0
10
100
10
100
1000
f = 1 MHz
o
TJ = 25 C
0
T
CASE TEMPERATURE, (C)
C,
V
INSTANTANEOUS FORWARD VOLTAGE (V)
F,
Fig. 1 Forward. Current Derating Curve
Fig. 2 Typical Forward Characteristics (per element)
0
0
15
25
50
75
100
125
150
30
45
60
Resistive or
Inductive load
Mounted on a
220 x 220 x 50 mm
All plate heatsink
KBPC40
KBPC50
0.01
0.1
1.0
10
100
0
0.2
0.4
0.8
0.6
1.0
1.6
1.8
1.2
1.4
o
TJ = 25 C
Pulse Width = 300
s
MP40,50S SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com