Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP35S Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP35S
Description  15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP35S Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP35S Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP35S Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
MP15,25,35,S SERIES
15/25/35 AMPS.
SILICON BRIDGE RECTIFIERS
15/25/35 AMPS.
SILICON BRIDGE RECTIFIERS
CHENG- YI
CHENG- YI
ELECTRONIC
Fig. 1 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
T =25 C
J
Pulse Width-300 s
10% DUTY CYCLS
.6
.8
1.0
1.2
1.4
1.6 1.8
2.0
0.1
1.0
5.0
10
50
100
500
1000
Fig. 4 - MAXIMUM POWER DISPATION
AVERAGE OUTPUT CURRENT, AMPERES
0
5
25
15
35
10
30
20
1.0
50
10
50
100
Fig. 2 - MAXIMUM OUTPUT RECTIFIED CURRENT
20
20
0
25
60
60
60
40
40
40
80
80
80
100
100
100
140
140
140
160
160
180
180
120
120
120
0
CASE TEMPERATURE, T
C
c
0
AMBIENT TEMPERATURE, TA C
Fig. 3 - MAXIMUM OUTPUT RECTIFIED CURRENT
60Hz RESISTIVE OR
INDUCTIVE LOAD
5.0
10
15
25
35
40
Fig. 5 - TYPICAL REVERSE CHARACTERISTICS
0
AT
T =25 C
J
NUMBER OF CYCLES AT 60 Hz
NUMBER OF CYCLES AT 60 Hz
.01
0.1
1.0
10
Fig. 6 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
50
0
100
150
200
300
400
1
10
100
Fig. 7 - TYPICAL JUNCTION CAPACITANCE PER
BRIDGE ELEMENT
REVERSE VOLTAGE, VOLTS
50
10
160
1
4
10
100
KBPC35
KBPC25
KBPC15
KBPC10
60Hz ResistIVR
MP15,25,35, S SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com