Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP10 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP10
Description  15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP10 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP10 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP10 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP15,25,35 SERIES
15/25/35 AMPS.
SILICON BRIDGE RECTIFIERS
15/25/35 AMPS.
SILICON BRIDGE RECTIFIERS
FEATURES
Rating to 1000V PRV
400 Amperes surge capability
High efficiency
Weight:0.7 ounce 20 grams
For maximum heat dissipation
Mounting: thru hole for #8 screw
UL Recognized file #E149311
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS PRV
CURRENT
15.25.35. Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Average Forward
0
T
Output Current @
=55 C
C
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
V(AV)
IFSM
V
F
TJ
TSTG
IR
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load
(JEDEC Mehtod)
Maximum Forward Voltage
per Bridge element
0
T
@
=25 C
A
0
T
@
=100 C
A
UNITS
50
100
200
400
600
800
1000
V
V
V
A
A
2
A S
0C
0C/W
0C
A
A
V
35
70
140
280
420
560
700
50
100
200
400
5
200
-55 to +125
-55 to +150
15
25
35
250
300
400
1.1
600
800
1000
2
I t Rating for fusing (t<8.3ms)
Typical Thermal Resistance(Note.1)
2
It
RJC
374/664
2.0
MP12
MP25
MP35
MP15
MP25
MP35
MP15
MP25
MP35
7.5A
12.5A
17.5A
at IF
Maximum DC Reverse Current at Rated DC
Blocking Voltage per
Bridge element
MP 15/25/35
MP005
MP005W
MP01
MP01W
MP02
MP02W
MP04
MP04W
MP06
MP06W
MP08
MP08W
MP10
MP10W
2
2
NOTE: 1.Mounted on a 11.8in X 0.006 in thick (300mm X 1.5mm thick ) Copper plate.
2.Fast Recovery, Controlled avalanche bridges are available. Please consuit with factory.
diam


Similar Part No. - MP10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP10 VISHAY-MP10 Datasheet
81Kb / 2P
Power Rheostats
25-Aug-00
logo
CHENG-YI ELECTRONIC CO....
MP10 CHENG-YI-MP10 Datasheet
154Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
CTS Corporation
MP100 CTS-MP100 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP100 MPS-MP100 Datasheet
443Kb / 16P
Offline Inductor-less Regulator For Low Power Applications
logo
PANDUIT CORP.
MP100 PANDUIT-MP100 Datasheet
2Mb / 12P
PXE™ SERIES Mobile Printer
4/2023
More results

Similar Description - MP10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SB25 TSC-SB25 Datasheet
71Kb / 2P
High Current 15 25 35 AMPS Single Phase Bridge Rectifiers
SB15 TSC-SB15 Datasheet
71Kb / 2P
High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers
SB1505G TSC-SB1505G Datasheet
70Kb / 2P
High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15 Datasheet
103Kb / 2P
High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
BR-L10A YANGJIE-BR-L10A Datasheet
257Kb / 2P
SINGLE PHASE 10/15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
KBPC-BR15 YANGJIE-KBPC-BR15 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
KBPC15 YANGJIE-KBPC15 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP15S CHENG-YI-MP15S Datasheet
159Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15CT CHENG-YI-MP15CT Datasheet
154Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15CW CHENG-YI-MP15CW Datasheet
130Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com