Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2090 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2090
Description  17-24GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2090 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2090 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2090
Ref. : DSCHA20909347 – 13 Dec. 99
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
17-24GHz Low Noise Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2090 is a three-stage self-biased
wide band monolithic low noise amplifier.
The circuit is manufactured with a standard
HEMT process : 0.25µm gate length, via
holes through the substrate, air bridges
and electron beam gate lithography.
It is supplied in chip form.
Main Features
§ Broadband performance 17-24GHz
§ 2.0dB noise figure
§ 23dB gain, ± 1dB gain flatness
§ Low DC power consumption, 55mA
§ Chip size : 2,170 x 1,270x 0.1mm
0
5
10
15
20
25
30
5
7
9 1113151719 2123252729313335
Frequency ( GHz )
0
2
4
6
8
10
12
On wafer typical measurements
Main Characteristics
Tamb = +25°C, Vd=4.5V, Pads B,D,E=GND
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
17
24
GHz
NF
Noise figure
2.0
3.0
dB
GGain
19
23
dB
VSWRin
Input VSWR
2:1
VSWRout
Output VSWR
2:1
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA2090

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2090 UMS-CHA2090 Datasheet
167Kb / 8P
GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
GaAs Monolithic Microwave IC
More results

Similar Description - CHA2090

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292 Datasheet
136Kb / 6P
17-24GHz Low Noise, Variable Gain Amplifier
CHA5293A UMS-CHA5293A Datasheet
149Kb / 7P
17-24GHz High Power Amplifier
logo
fujitsu semiconductor
FMM5701X FUJITSU-FMM5701X Datasheet
150Kb / 4P
24GHz Low Noise Amplifier MMIC
logo
United Monolithic Semic...
CHA5293A UMS-CHA5293A_06 Datasheet
228Kb / 8P
17-24GHz High Power Amplifier
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292_15 Datasheet
158Kb / 6P
16-24GHz Low Noise, Variable Gain Amplifier
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
17- 24GHz Medium Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
17-24GHz Medium Power Amplifier
CHA5350-99F UMS-CHA5350-99F_15 Datasheet
402Kb / 12P
17-24GHz Medium Power Amplifier
CHA4863-QGG UMS-CHA4863-QGG Datasheet
467Kb / 14P
17-24GHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com