Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1352V-T Datasheet(PDF) 2 Page - ams AG

Part # AS1352V-T
Description  Programmable Quad LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1352V-T Datasheet(HTML) 2 Page - ams AG

  AS1352V-T Datasheet HTML 1Page - ams AG AS1352V-T Datasheet HTML 2Page - ams AG AS1352V-T Datasheet HTML 3Page - ams AG AS1352V-T Datasheet HTML 4Page - ams AG AS1352V-T Datasheet HTML 5Page - ams AG AS1352V-T Datasheet HTML 6Page - ams AG AS1352V-T Datasheet HTML 7Page - ams AG AS1352V-T Datasheet HTML 8Page - ams AG AS1352V-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.austriamicrosystems.com
Revision 1.31
2 - 10
AS1352
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View – Not To Scale)
Pin Descriptions
Table 1. Pin Descriptions
12-pin QFN 4x4
Pin Number
16-pin QFN 3x3
Pin Number
Pin Name
Description
21
EN1
VOUT1 Digital Input Enable
116
EN2
VOUT2 Digital Input Enable
12
15
EN3
VOUT3 Digital Input Enable
11
14
EN4
VOUT4 Digital Input Enable
9
11, 12
GND
Negative Supply Voltage.
Note: All GND pins must be connected together externally.
13
-
GND
Negative Supply Voltage. This pin is the exposed pad.
Note: All GND pins must be connected together externally.
10
13
REF
Analog Reference Voltage.
Note: Connect to 100nF capacitor during normal operation.
3, 8
2, 3, 4, 9, 10
VDD
Positive Supply Voltage.
Note: All VDD pins must be connected together externally.
45
VOUT1
Regulated Analog Output Voltage 1
56
VOUT2
Regulated Analog Output Voltage 2
67
VOUT3
Regulated Analog Output Voltage 3
78
VOUT4
Regulated Analog Output Voltage 4
AS1352
12-pin QFN
4x4
GND
VOUT3
VOUT2
VOUT1
EN3
EN4
REF
10
6
9
(Exposed Pad)
VDD
8
VOUT4
7
5
4
11
12
EN2
1
EN1
2
VDD
3
GND
13
GND
VOUT2
VOUT1
EN3
EN4
REF
13
6
12
VDD
10
5
14
15
EN1
1
VDD
2
VDD
4
AS1352
16-pin QFN
3x3
VDD
3
VOUT3
7
VOUT4
8
VDD
9
GND
11
EN2
16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com