Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2091 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2091
Description  36-40GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2091 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2091 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
36-40GHz Low Noise Amplifier
CHA2091
Ref. : DSCHA20919340 -06 Dec. 99
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results
Chip Typical Response ( On wafer Sij ) :
Tamb = +25°C
Bias conditions: Vd = +4V, Id=45mA
Freq
GHz
MS11
dB
PS11
°
MS12
dB
PS12
°
MS21
dB
PS21
°
MS22
dB
PS22
°
10
-6
170.2
-57.3
-141
-12.4
11.3
-5.68
177.7
12
-7.1
156.5
-54.1
-157
-9.98
-12.7
-6.93
152.9
14
-8.42
145.2
-50.3
173.7
-8.72
-32.7
-8.54
131.2
16
-10
137
-48.1
158
-6.92
-51.3
-9.44
113
18
-11.5
132.1
-49.6
138.4
-5.05
-71.3
-11.3
93
20
-13
129
-47.8
120.7
-3.74
-93.7
-14.2
81.8
21
-13.6
127.7
-48.2
107
-3.31
-101
-15.1
80.4
22
-14.2
126.6
-49.1
114.5
-2.37
-107
-15.8
75.6
23
-14.8
122.7
-50.1
130.8
-0.72
-117
-17.5
61.4
24
-16.1
116.3
-45.5
130.2
0.08
-130
-23.2
51.5
25
-18.2
111
-42.9
121.1
0.86
-138
-32.6
132.7
26
-21.8
108.1
-42.2
109.7
2.11
-146
-21.7
167.7
27
-30
127.3
-40.8
107
3.95
-156
-16.2
165.6
28
-26.2
-140
-39.6
104.3
5.61
-169
-12.9
151.8
29
-18.5
-136
-36.8
93
7.52
176
-11
140.8
30
-14.5
-146
-34.8
85
8.99
157.9
-9.98
128.3
31
-12.3
-159
-32.5
68.7
10.58
139.4
-8.78
121.3
32
-10.9
-173
-31.8
48.3
11.88
117.3
-7.48
109.9
33
-10.5
174.9
-30.8
28.7
12.69
94.8
-6.88
95.3
34
-10.5
165.2
-29.8
7.3
13.36
72.8
-6.94
82.8
35
-11.1
156.1
-29.6
-15.2
13.72
50.2
-7.25
70.8
36
-11.3
150.5
-29.5
-33.9
13.93
28.2
-7.94
60.9
37
-11.6
144
-30.1
-55.6
13.99
6.7
-8.73
52.2
38
-12
133
-29.6
-69.8
14.2
-14.5
-9.57
47.1
39
-12.9
115.4
-28.7
-85.8
14.39
-37.1
-10.2
43.7
40
-14.7
87.2
-29
-120
14.65
-61.2
-9.88
40.4
41
-15.5
25.3
-28.1
-144
14.71
-88.7
-9.19
30.1
42
-10.7
-42.3
-27.8
-176
14.34
-121
-8.66
10.8
43
-6.09
-86.6
-28.3
146.7
12.98
-154
-8.99
-16.9
44
-3.4
-119
-30.4
111.9
10.59
174.3
-10.5
-50
45
-2.22
-143
-32.9
90
7.53
147.6
-12.2
-83.8
46
-1.59
-160
-35.2
62.9
4.31
125.2
-13
-119
47
-1.15
-175
-35.3
39
1.21
105.5
-12.5
-149
48
-0.84
173.2
-43.5
-26.6
-2.06
88.2
-11.8
-174
49
-0.85
163.7
-39.4
27.3
-5.61
72.6
-10.8
169
50
-0.67
154.7
-36.9
31.8
-9.07
58.2
-10.1
156.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com