Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL201 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # RL201
Description  MINIATURE PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

RL201 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  RL201 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. RL201 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES
RL201 THRU RL207
RL201 thru RL207
MINIATURE PLASTIC SILICON RECTIFIER
MINIATURE PLASTIC SILICON RECTIFIER
100
10
8
6
4
2
80
60
40
20
1
0
14
28
42
56
70
Fig. 1 - TYPICAL FORWARD CHARACTERISTICS
Fig. 2 - PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
.01
0.1
2.0
20
.4
0
.6
.8
1.0
1.2
1.4
Fig. 3 - FORWARD CURRENT DERATING CURVE
0
AMBIENT TEMPERATURE, C
0
0
1.0
2.0
25
50
75
100
150
125
100
10
1
4
1
10
100
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. VOLTS
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INOUCTIVE LOAD
.375" 9.5mm LEAD LENGTH
0
T =25C
J
0
T =25C
J
0
T
= 25 C
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com