Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1361 Datasheet(PDF) 11 Page - ams AG

Part # AS1361
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1361 Datasheet(HTML) 11 Page - ams AG

Back Button AS1361_1 Datasheet HTML 7Page - ams AG AS1361_1 Datasheet HTML 8Page - ams AG AS1361_1 Datasheet HTML 9Page - ams AG AS1361_1 Datasheet HTML 10Page - ams AG AS1361_1 Datasheet HTML 11Page - ams AG AS1361_1 Datasheet HTML 12Page - ams AG AS1361_1 Datasheet HTML 13Page - ams AG AS1361_1 Datasheet HTML 14Page - ams AG AS1361_1 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.austriamicrosystems.com
Revision 1.03
11 - 15
AS1361/AS1362
Datasheet - D e t a i l e d D e s c r i p t i o n
The maximum power dissipation is calculated:
PDMAX = (TJ - TAMB)/(
θJC + θCA)(EQ 2)
Where:
TJ - TAMB is the temperature difference between the AS1361/AS1362 die junction and the surrounding air;
θJC is the thermal resistance of the package;
θCA is the thermal resistance through the PC board/copper traces/other materials to the surrounding air.
Note: Pin GND of the AS1361/AS1362 provides the electrical connection to system ground and also serves as a heat
sink. Connect pin GND to the system ground using a large pad or ground plane.
Noise Reduction
The AS1361/AS1362 noise bypass circuitry dramatically reduces output noise, exhibiting 9µVRMS of output voltage
noise with CBYPASS = 0.01µF and COUT = 1µF. Use an external 0.01µF bypass capacitor between pin BYPASS and pin
OUT (see Figure 1 on page 1).
Note: Startup time is minimized by internal power-on circuitry which pre-charges CBYPASS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com