Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1361 Datasheet(PDF) 1 Page - ams AG

Part # AS1361
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1361 Datasheet(HTML) 1 Page - ams AG

  AS1361 Datasheet HTML 1Page - ams AG AS1361 Datasheet HTML 2Page - ams AG AS1361 Datasheet HTML 3Page - ams AG AS1361 Datasheet HTML 4Page - ams AG AS1361 Datasheet HTML 5Page - ams AG AS1361 Datasheet HTML 6Page - ams AG AS1361 Datasheet HTML 7Page - ams AG AS1361 Datasheet HTML 8Page - ams AG AS1361 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AS1361/AS1362
150mA/300mA, Ultra-Low-Noise, High-PSRR
Low Dropout Regulators, with POK
www.austriamicrosystems.com
Revision 1.03
1 - 15
Datasheet
1 General Description
The AS1361/AS1362 are ultra-low-noise, low-dropout
linear regulators specifically designed to deliver up to
150/300mA continuous output current, and can achieve
a low 140mV dropout for 300mA load current. The LDOs
are designed and optimized to work with low-cost, small-
capacitance ceramic capacitors.
The devices are available as the standard products
listed in Table 1.
An integrated P-channel MOSFET pass transistor allows
the devices to maintain extremely low quiescent current
(40µA).
The AS1361/AS1362 uses an advanced architecture to
achieve ultra-low output voltage noise of 9µVRMS and a
power-supply rejection-ratio of better than 80dB (up to
10kHz).
An active-Low, open-drain power-ok output indicates if
the output voltage is within regulation.
The AS1361/AS1362 requires only 1µF output capacitor
for stability at any load. When the LDO is disabled, cur-
rent consumption drops below 500nA.
The devices are available in a TSOT23 6-pin package.
Figure 1. Typical Application Circuit
2 Key Features
!
Preset Output Voltages: 1.5 to 4.5V (in 50mV steps)
!
Output Noise: 9µVRMS @ 100Hz to 100kHz
!
Power-Supply Rejection Ratio: 92dB @ 1kHz
!
Low Dropout: 140mV @ 300mA Load
!
Power-OK Output
!
Stable with 1µF Ceramic Capacitor for any Load
!
Guaranteed 150/300mA Output
!
1.25V Internal Reference
!
Extremely-Low Quiescent Current: 40µA
!
Excellent Load/Line Transient
!
Overcurrent and Thermal Protection
!
TSOT23 6-pin Package
3 Applications
The devices are ideal for mobile phones, wireless
phones, PDAs, handheld computers, mobile phone
base stations, Bluetooth portable radios and accesso-
ries, wireless LANs, digital cameras, personal audio
devices, and any other portable, battery-powered appli-
cation.
Table 1. Standard Products
Model
Load Current
Output Voltage
AS1361
150mA
Preset – 1.5 to 4.5V
AS1362
300mA
Preset – 1.5 to 4.5V
AS1361/
AS1362
5
BYPASS
2
GND
1
IN
6
OUT
3
SHDNN
CIN
1µF
On
Off
Input
2 to 5.5V
COUT
1µF
Output
1.5 to 4.5V
CBYPASS
10nF
4
POK
100k
Ω
3
SHDNN
2
GND
1
IN
4POK
6OUT
AS1361/
AS1362
5 BYPASS


Similar Part No. - AS1361

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361-BTTT-15 AMSCO-AS1361-BTTT-15 Datasheet
646Kb / 13P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361-BTTT-18 AMSCO-AS1361-BTTT-18 Datasheet
646Kb / 13P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361-BTTT-25 AMSCO-AS1361-BTTT-25 Datasheet
646Kb / 13P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361-BTTT-26 AMSCO-AS1361-BTTT-26 Datasheet
646Kb / 13P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
More results

Similar Description - AS1361

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
ams AG
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
ams AG
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com