Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2093RBF Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2093RBF
Description  20-30GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2093RBF Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2093RBF Datasheet HTML 1Page - United Monolithic Semiconductors CHA2093RBF Datasheet HTML 2Page - United Monolithic Semiconductors CHA2093RBF Datasheet HTML 3Page - United Monolithic Semiconductors CHA2093RBF Datasheet HTML 4Page - United Monolithic Semiconductors CHA2093RBF Datasheet HTML 5Page - United Monolithic Semiconductors CHA2093RBF Datasheet HTML 6Page - United Monolithic Semiconductors CHA2093RBF Datasheet HTML 7Page - United Monolithic Semiconductors CHA2093RBF Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2093RBF
Ref. : DSCHA2093RBF2057 -26-Feb.-02-
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-30GHz Low Noise Amplifier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The monolithic microwave IC (MMIC) in the
package
is
a
two-stage
wide
band
monolithic low noise amplifier.
The circuit is manufactured with a standard
PHEMT process : 0.25µm gate length, via
holes through the substrate, air bridges
and electron beam gate lithography.
It is supplied in a new SMD leadless chip
carrier.
Main Features
■ Broad band performance: 20-30GHz
■ Gain = 14dB (typical)
■ Noise Figure 3.0dB (typical)
■ Return loss < -7dB
■ Low DC consumption < 50mA
■ SMD leadless package
■ Dimensions: 5.08 x 5.08 x 0.97 mm
3
SMD Package Dimensions
"Please note that PIN 1 is located in the lower left corner of the package (front-side view) for all SMD-type packages from United Monolithic Semiconductors. It is indicated
by a triangle on the package lid. Starting with PIN 1 the other pads are numbered counter-clockwise (front-side view). ATTENTION: The dot on the backside of the
package (i.e. side with metallic pads) is just for fabrication purposes and does NOT indicate the location of PIN 1."


Similar Part No. - CHA2093RBF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
97Kb / 8P
20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
128Kb / 8P
20-30GHz Low Noise Amplifier
CHA2093-99F/00 UMS-CHA2093-99F/00 Datasheet
107Kb / 8P
20-30GHz Low Noise Amplifier
CHA2093-99F/00 UMS-CHA2093-99F/00 Datasheet
97Kb / 8P
20-30GHz Low Noise Amplifier
More results

Similar Description - CHA2093RBF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190 Datasheet
163Kb / 9P
20-30GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
18-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
20-30GHz Low Noise Amplifier
CHA3689 UMS-CHA3689 Datasheet
261Kb / 10P
12.5-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
20-30GHz Low Noise Amplifier
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
12.5-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_15 Datasheet
128Kb / 8P
20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
20-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com