Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1530 Datasheet(PDF) 6 Page - ams AG

Part # AS1530
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530 Datasheet(HTML) 6 Page - ams AG

Back Button AS1530 Datasheet HTML 2Page - ams AG AS1530 Datasheet HTML 3Page - ams AG AS1530 Datasheet HTML 4Page - ams AG AS1530 Datasheet HTML 5Page - ams AG AS1530 Datasheet HTML 6Page - ams AG AS1530 Datasheet HTML 7Page - ams AG AS1530 Datasheet HTML 8Page - ams AG AS1530 Datasheet HTML 9Page - ams AG AS1530 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
6 - 29
AS1530/AS1531
Data Sheet - El ectrical Characte ristics
CBYPREF
ADJ
Capacitive Bypass at
REFADJ
0.01
10
µF
REFADJ Output Voltage
1.22
V
REFADJ Input Range
For small adjustments, from 1.22V
±100
mV
REFADJ Buffer Disable
Threshold
To power down the internal reference
1.4
VDD1 -
1
V
Buffer Voltage Gain
2.045
V/V
External Reference: Reference buffer disabled, reference applied to pin REF
REF Input Voltage Range
8
1.0
VDD1
+
50mV
V
REF Input Current
VREF = 2.50V,
fSCLK = 6.4MHz
200
350
µA
VREF = 2.50V, fSCLK = 0
320
Power-Down, fSCLK = 0
5
Digital Inputs: DIN, SCLK, CSN
VINH
Input High Voltage
0.7 x
VDD
V
VINL
Input Low Voltage
0.3 x
VDD
V
VHYST
Input Hysteresis
0.2
V
IIN
Input Leakage
VIN = 0 or VDD2
-1
+1
µA
CIN
Input Capacitance
5
pF
Digital Outputs: DOUT, SSTRB
VOL
Output Voltage Low
ISINK = 5mA
0.45
V
VOH
Output Voltage High
ISOURCE = 1mA
4
V
IL
Tri-State Leakage Current
CSN = VDD2
-10
+10
µA
COUT
Tri-State Output Capacitance
CSN = VDD2
5
pF
Power Supply
VDD1,
VDD2,
VDD3
Positive Supply Voltage
9
4.5
5.5
V
IVDD1,
IVDD2,
IVDD3
Supply Current
VDD1 = VDD2 =
VDD3 = 5.5V
Normal Operation with
External Reference
10
2.8
3.3
mA
Normal Operation with
Internal Reference
10
3.3
3.8
Reduced-Power Mode
11
0.4
0.8
Full Power-Down Mode
0.5
2
µA
PSR
Power-Supply Rejection
VDD1 = VDD2 = VDD3 = 5V ±10%
-2
±0.1
+2
mV
1. Tested at VDD1 = VDD2 = VDD3 = +5V, COM = GND, bit RANGE (page 15) = 1, single-ended input mode.
2. Relative accuracy is the deviation of the analog value at any code from its theoretical value after the gain error
and offset error have been nulled.
3. Offset nulled.
4. Ground on channel; sinewave applied to all off channels.
5. Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty
cycle.
6. The absolute voltage range for the analog inputs (CH0:CH7, and COM) is from GND to VDD1.
7. External load should not change during conversion for specified accuracy. Guaranteed specification of 4mV/mA
is a result of production test limitations.
8. AS1530/AS1531 performance is limited by the device noise floor, typically 300µVp-p.
Table 3. AS1530 Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com