Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1537 Datasheet(PDF) 17 Page - ams AG

Part # AS1537
Description  12-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1537 Datasheet(HTML) 17 Page - ams AG

Back Button AS1537 Datasheet HTML 13Page - ams AG AS1537 Datasheet HTML 14Page - ams AG AS1537 Datasheet HTML 15Page - ams AG AS1537 Datasheet HTML 16Page - ams AG AS1537 Datasheet HTML 17Page - ams AG AS1537 Datasheet HTML 18Page - ams AG AS1537 Datasheet HTML 19Page - ams AG AS1537 Datasheet HTML 20Page - ams AG AS1537 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
www.austriamicrosystems.com
Revision 1.01
18 - 22
AS1536/AS1537
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 33. Microwire Serial Interface Connections
A conversion process begins on the falling edge of CSN (see Figure 34). DOUT goes low, indicating a conversion is in
progress. Wait until DOUT goes high or until the maximum specified conversion time elapses before starting another
conversion. Two consecutive 1-byte reads are required to retrieve the full 12 bits from the devices.
Output data transitions occurs on the falling edge of SCLK, and is clocked into the microprocessor on the rising edge of
SCLK. The first byte contains a leading 1, and seven bits of conversion result data. The second byte contains the
remaining five bits of conversion result data, and three trailing zeros.
Figure 34. SPI/Microwire Serial Interface Timing (CPOL = CPHA = 0)
QSPI
When interfacing the AS1536/AS1537 to a microprocessor’s QSPI interface (see Figure 35), set QSPI control register
CPOL = CPHA = 0.
Figure 35. QSPI Serial Interface Connections
AS1536/
AS1537
CPU
SI
I/O
SK
6
DOUT
7
CSN
8
SCLK
1st Byte Read
2nd Byte Read
LSB
MSB
EOC
tCONV
CSN
SCLK
DOUT
D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
High-Z
when CSN
is High
AS1536/
AS1537
CPU
SSM
MISO
CSM
SCK
6
DOUT
7
CSN
8
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com