Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1538 Datasheet(PDF) 1 Page - ams AG

Part # AS1538
Description  8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1538 Datasheet(HTML) 1 Page - ams AG

  AS1538 Datasheet HTML 1Page - ams AG AS1538 Datasheet HTML 2Page - ams AG AS1538 Datasheet HTML 3Page - ams AG AS1538 Datasheet HTML 4Page - ams AG AS1538 Datasheet HTML 5Page - ams AG AS1538 Datasheet HTML 6Page - ams AG AS1538 Datasheet HTML 7Page - ams AG AS1538 Datasheet HTML 8Page - ams AG AS1538 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AS1538/AS1540
8/4-Channel, 12-Bit I²C Analog-to-Digital Converter
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.03
1 - 20
1 General Description
The AS1538/AS1540 are single-supply, low-power, 12-
bit data acquisition devices featuring a serial I²C inter-
face and an 8-channel (AS1538) or 4-channel (AS1540)
multiplexer.
The analog-to-digital (A/D) converters features a sam-
ple-and-hold amplifier an internal asynchronous clock
and an internal reference.
The combination of an I
2C serial, 2-wire interface and
micropower consumption makes the AS1538 and
AS1540 ideal for applications requiring the A/D con-
verter to be close to the input source in remote locations
and for applications requiring isolation.
The device is available in a TSSOP-16 or TQFN 4x4 16-
pin package.
Figure 1. Block Diagram
2 Key Features
!
Single Supply: 2.7 to 5.25V
!
8-Channel Multiplexer (AS1538)
!
4-Channel Multiplexer (AS1540)
!
Sampling Rate: 50kSPS
!
No Missing Codes
!
Internal Reference: 2.5V
!
High Speed I
2C Interface at 3.4MHz
!
<1.5µA Full Shutdown Current
!
TSSOP-16 or TQFN 4x4 16-pin Package
3 Applications
The device is ideal for voltage-supply monitoring, iso-
lated data acquisition, transducer interfaces, battery-
operated systems, remote data acquisition or any other
analog-to-digital conversion application.
A0
SCL
CH0
SDA
AS1538/AS1540
8-Channel
MUX
CH1
CH2
CH3
CH4
CH5
CH6
CH7
REFIN/OUT
Sample/
Hold
Amp
Successive Approximation Register
CDAC
Comparator
Serial
Interface
A1
Internal
2.5V
Reference
Buffer
GND
COM


Similar Part No. - AS1538

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
8-Channel, 12-Bit I2C Analog-to-Digital Converter
More results

Similar Description - AS1538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
8-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1539 AMSCO-AS1539_1 Datasheet
746Kb / 20P
8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
logo
List of Unclassifed Man...
I2C-ADC ETC2-I2C-ADC Datasheet
330Kb / 7P
I2C-ADCTM I2C 12-Bit, 8-CH ANALOG-TO-DIGITAL
logo
Texas Instruments
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
12-Bit 8-Channel Sampling Analog-to-Digital Converter
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com