Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1701 Datasheet(PDF) 2 Page - ams AG

Part # AS1701
Description  1.6W Audio Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1701 Datasheet(HTML) 2 Page - ams AG

  AS1701 Datasheet HTML 1Page - ams AG AS1701 Datasheet HTML 2Page - ams AG AS1701 Datasheet HTML 3Page - ams AG AS1701 Datasheet HTML 4Page - ams AG AS1701 Datasheet HTML 5Page - ams AG AS1701 Datasheet HTML 6Page - ams AG AS1701 Datasheet HTML 7Page - ams AG AS1701 Datasheet HTML 8Page - ams AG AS1701 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.austriamicrosystems.com
Revision 1.52
2 - 17
AS1701, AS1706
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. Pin Assignment – 8-Pin MSOP Package (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin
Name
Description
1SHDN
Shutdown. Connect this pin to GND for the AS1701 (active-high); connect this
pin to VDD for the AS1706 (active-low).
2BIAS
DC Bias Bypass
3IN+
Non-Inverting Input
4IN-
Inverting Input
5OUT+
Positive Differential Output
6VDD
Power Supply
7GND
Ground
8OUT-
Negative Differential Output
1
SHDN
AS1701/
AS1706
2
BIAS
3
IN+
4
IN-
5
OUT+
6
VDD
7
GND
8
OUT-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com