Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1702 Datasheet(PDF) 6 Page - ams AG

Part # AS1702
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1702 Datasheet(HTML) 6 Page - ams AG

Back Button AS1702 Datasheet HTML 2Page - ams AG AS1702 Datasheet HTML 3Page - ams AG AS1702 Datasheet HTML 4Page - ams AG AS1702 Datasheet HTML 5Page - ams AG AS1702 Datasheet HTML 6Page - ams AG AS1702 Datasheet HTML 7Page - ams AG AS1702 Datasheet HTML 8Page - ams AG AS1702 Datasheet HTML 9Page - ams AG AS1702 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
6 - 20
AS1702 - AS1705
Data Sheet - Ty pi cal Operating Characte ristics
7 Typical Operating Characteristics
Figure 3. THD + Noise vs. Frequency;
Figure 4. THD + Noise vs. Frequency;
VDD = 3V, RL = 4
Ω, AV = 2
VDD = 3V, RL = 8
Ω, Av = 2
Figure 5. THD + Noise vs. Frequency;
Figure 6. THD + Noise vs. Frequency;
VDD =5V, RL = 4
Ω, Av = 2
VDD = 5V, RL = 8
Ω, Av = 2
Figure 7. THD + Noise vs. Frequency;
Figure 8. THD + Noise vs. Output Power;
VDD = 5V, RL = 4
Ω, Av = 4
VDD = 5V, RL = 8
Ω, Av = 4
0.001
0.01
0.1
1
10
10
100
1000
10000
Frequency (Hz)
0.001
0.01
0.1
1
10
10
100
1000
10000
Frequency (Hz)
POUT = 50mW
POUT = 250mW
POUT = 100mW
POUT = 250mW
0.001
0.01
0.1
1
10
10
100
1000
10000
Frequency [Hz]
0.001
0.01
0.1
1
10
10
100
1000
10000
Frequency (Hz)
POUT = 1W
POUT = 250mW
POUT = 250mW
POUT = 750mW
0.001
0.01
0.1
1
10
10
100
1000
10000
Frequenzy (Hz)
0.001
0.01
0.1
1
10
10
100
1000
10000
Frequency (Hz)
POUT = 200mW
POUT = 1W
POUT = 200mW
POUT = 800mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com