Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1713 Datasheet(PDF) 12 Page - ams AG

Part # AS1713
Description  Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1713 Datasheet(HTML) 12 Page - ams AG

Back Button AS1713 Datasheet HTML 7Page - ams AG AS1713 Datasheet HTML 8Page - ams AG AS1713 Datasheet HTML 9Page - ams AG AS1713 Datasheet HTML 10Page - ams AG AS1713 Datasheet HTML 11Page - ams AG AS1713 Datasheet HTML 12Page - ams AG AS1713 Datasheet HTML 13Page - ams AG AS1713 Datasheet HTML 14Page - ams AG AS1713 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
12 - 15
AS1713
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Note:
The absolute maximum ratings (see page 3) for power dissipation and output short-circuit duration (10s, max)
must be adhered since the output current can exceed 200mA (see Typical Operating Characteristics on page
6).
Shutdown
When EN is pulled to low, the supply current drops to 0.5µA, the amplifier is disabled and the output is driven to VSS.
Pulling EN to high enables the amplifier. When exiting shutdown, there is a 6µs delay before the amplifier output
becomes active.
Note:
Because the output is actively driven to VSS in shutdown, any pullup resistor on the output causes a current
drain from the supply.
Power-Up
The AS1713 typically settle within 5µs after power-up.
Power Supplies and Layout
The AS1713 can operate from a single 2.7V to 5.5V supply or from dual ±1.35V to ±2.5V supplies. Good design
improves device performance by decreasing the amount of stray capacitance at the op amp inputs/outputs.
!
For single-supply operation, bypass the power supply with a 0.1µF ceramic capacitor.
!
For dual-supply operation, bypass each supply to ground.
!
Decrease stray capacitance by placing external components close to the op amp pins, minimizing trace and lead
lengths.
Figure 26. Rail-to-Rail Input / Output Range;
VIN = VDD = 3.0V, RLOAD = 100k
Ω
Figure 27. Rail-to-Rail Input / Output Range;
VIN = VDD = 3.0V, RLOAD = 32
Ω
2µs/Div
2µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com