Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1703 Datasheet(PDF) 18 Page - ams AG

Part # AS1703
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1703 Datasheet(HTML) 18 Page - ams AG

Back Button AS1703 Datasheet HTML 12Page - ams AG AS1703 Datasheet HTML 13Page - ams AG AS1703 Datasheet HTML 14Page - ams AG AS1703 Datasheet HTML 15Page - ams AG AS1703 Datasheet HTML 16Page - ams AG AS1703 Datasheet HTML 17Page - ams AG AS1703 Datasheet HTML 18Page - ams AG AS1703 Datasheet HTML 19Page - ams AG AS1703 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
18 - 20
AS1702 - AS1705
Data Sheet - Pa ckage Drawings and Mark ings
Figure 35. 10-pin DFN Package (3.0x3.0mm)
SEATING
-B-
2x
TOP VIEW
aaa C
(D/2 xE/2)
4
INDEX AREA
D/2
D
PLANE
NX
10
0.08 C
ccc C
SIDE VIEW
-C-
SEE
DETAIL B
4
INDEX AREA
(D/2 xE/2)
5
6
BOTTOM VIEW
N-1
N
bbb
C A B
ddd
C
D2
D2/2
NXb
(ND-1) X e
e
10
7
8
NXK
PIN 1 MARKER
D
TYPE A
DETAIL B
Terminal Tip
ODD TERMINAL SIDE
e
Datum A or B
5
Symbol
Min
Typ
Max
Notes
A
0.80
0.90
1.00
1, 2
A1
0.00
0.02
0.05
1, 2
A3
0.20 REF
1, 2
L1
0.15
1, 2
L2
0.13
1, 2
θ
0º
14º
1, 2
K
0.20
1, 2
K2
0.17
1, 2
b
0.18
0.25
0.30
1, 2, 5
e0.5
aaa0.151, 2
bbb0.101, 2
ccc
0.10
1, 2
ddd0.051, 2
eee0.081, 2
ggg0.101, 2
Variations
Symbol
Min
Typ
Max
Notes
D BSC
3.00
1, 2
E BSC
3.00
1, 2
D2
2.20
2.70
1, 2
E2
1.40
1.75
1, 2
L
0.30
0.40
0.50
1, 2
N10
1, 2
ND
5
1, 2, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com