Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1704 Datasheet(PDF) 13 Page - ams AG

Part # AS1704
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1704 Datasheet(HTML) 13 Page - ams AG

Back Button AS1704 Datasheet HTML 9Page - ams AG AS1704 Datasheet HTML 10Page - ams AG AS1704 Datasheet HTML 11Page - ams AG AS1704 Datasheet HTML 12Page - ams AG AS1704 Datasheet HTML 13Page - ams AG AS1704 Datasheet HTML 14Page - ams AG AS1704 Datasheet HTML 15Page - ams AG AS1704 Datasheet HTML 16Page - ams AG AS1704 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
13 - 20
AS1702 - AS1705
Data Sheet - Ap p lica tio n In fo r m a tio n
BTL Amplifier
All devices are designed to drive loads differentially in a bridge-tied load (BTL) configuration.
Figure 32. Bridge Tied Load Configuration
The BTL configuration doubles the output voltage (illustrated in Figure 32) compared to a single-ended amplifier under
similar conditions. Thus, the differential gain of the device (AVD) is twice the closed-loop gain of the input amplifier. The
effective gain is given by:
Substituting 2 x VOUT(P-P) for VOUT(P-P) into (EQ 3) and (EQ 4) yields four times the output power due to doubling of
the output voltage:
Since the BTL outputs are biased at mid-supply, there is no net DC voltage across the load. This eliminates the need
for the large, expensive, performance degrading DC-blocking capacitors required by single-ended amplifiers.
Power Dissipation and Heat Sinking
Normally, the devices dissipate a significant amount of power. The maximum power dissipation is given in Table 3 as
Continuous Power Dissipation, or it can be calculated by:
where TJ(MAX) is +150ºC, TAMB (see Table 3) is the ambient temperature, and
ΘJA is the reciprocal of the derating fac-
tor in ºC/W as specified in Table 3. For example,
ΘJA of the TQFN package is +59.2ºC/W.
The increased power delivered by a BTL configuration results in an increase in internal power dissipation versus a sin-
gle-ended configuration. The maximum internal power dissipation for a given VCC and load is given by:
+1
-1
VOUT(P-P)
VOUT(P-P)
2 x VOUT(P-P)
AVD = 2 x
RIN
(EQ 2)
RF
VRMS =
2 2
(EQ 3)
VOUT(P-P)
POUT =
RL
(EQ 4)
VRMS
2
PDISSPKF(MAX) =
ΘJA
(EQ 5)
TJ(MAX) -TA
PDISSPKF(MAX) =
π2RL
(EQ 6)
2VCC
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com