Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1741 Datasheet(PDF) 3 Page - ams AG

Part # AS1741
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1741 Datasheet(HTML) 3 Page - ams AG

  AS1741 Datasheet HTML 1Page - ams AG AS1741 Datasheet HTML 2Page - ams AG AS1741 Datasheet HTML 3Page - ams AG AS1741 Datasheet HTML 4Page - ams AG AS1741 Datasheet HTML 5Page - ams AG AS1741 Datasheet HTML 6Page - ams AG AS1741 Datasheet HTML 7Page - ams AG AS1741 Datasheet HTML 8Page - ams AG AS1741 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.austriamicrosystems.com
Revision 1.78
3 - 15
AS1741
Data Sheet - Ab solute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Signals on pins COM1, COM2, NO1, NO2, NC1, or NC2 that exceed V+ or GND are clamped by internal diodes.
Limit forward-diode current to the maximum current rating.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
V+, INx to GND
-0.3
+5
V
COMx, NOx, NCx to GND
-0.3
V+
+ 0.3
V
COMx, NOx, NCx Continuous Current
-250
+250
mA
COMx, NOx, NCx Peak Current
-350
+350
mA
Pulsed at 1ms 10% duty cycle
Continuous Power Dissipation (TAMB = +70ºC)
362
mW
Derate at 4.5mW/ºC above +70ºC
Electro-Static Discharge
2500
V
HBM Mil-Std883E 3015.7 methods
Latch Up Immunity IN1, IN2
150
mA
Norm: JEDEC 17
Latch Up Immunity all other Pins
250
mA
Operating Temperature Range
-40
+85
ºC
Junction Temperature
+150
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com