Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1742 Datasheet(PDF) 9 Page - ams AG

Part # AS1742
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1742 Datasheet(HTML) 9 Page - ams AG

Back Button AS1742 Datasheet HTML 5Page - ams AG AS1742 Datasheet HTML 6Page - ams AG AS1742 Datasheet HTML 7Page - ams AG AS1742 Datasheet HTML 8Page - ams AG AS1742 Datasheet HTML 9Page - ams AG AS1742 Datasheet HTML 10Page - ams AG AS1742 Datasheet HTML 11Page - ams AG AS1742 Datasheet HTML 12Page - ams AG AS1742 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.austriamicrosystems.com
Revision 1.78
9 - 15
AS1741
Data Sheet - Ap p lica tio n In fo r m a tio n
9 Application Information
Power Supply Sequencing
Proper power-supply sequencing is critical for proper switch operation. The power supplies should be started up in the
following sequence:
1. V+
2. NOx, NCx, COMx
Note:
Operation beyond the absolute maximum ratings (see page 2) may permanently damage the devices.
Power Supply Bypass
Power supply connections to the devices must maintain a low impedance to ground. This can be done using a bypass
capacitor, which will also improve noise margin and prevent switching noise propagation from the V+ supply to other
components.
A 0.1µF bypass capacitor, connected from V+ to GND (see Figure 17 on page 11), is adequate for most applications.
Logic Inputs
Driving INx Rail-to-Rail will help minimize power consumption.
Layout Considerations
High-speed switches require proper layout and design procedures for optimum performance.
!
Short, wide traces should be used to reduce stray inductance and capacitance.
!
Bypass capacitors should be as close to the device as possible.
!
Large ground planes should be used wherever possible.
Timing Diagrams and Test Setups
Figure 12.
AS1741/AS1743 Test Circuit and Timing Diagram
Figure 13. AS1742
/AS1743 Test Circuit and Timing Diagram
AS1741/
AS1743
COMx
NOx
35pF
50
Ω
VCOMx
INx
VNOx
50
Ω
V+
V+
VCOMx
INx
0
0
VNOx
VIH + 0.5V
tON
tOFF
tR < 5ns
tF < 5ns
50%
50%
90%
90%
GND
AS1742/
AS1743
COMx
NCx
35pF
50
Ω
VCOMx
INx
VNCx
50
Ω
V+
V+
VCOMx
INx
0
0
VNCx
VIH + 0.5V
tOFF
tON
50%
50%
90%
90%
GND
tR < 5ns
tF < 5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com