Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710B-ASCT Datasheet(PDF) 16 Page - ams AG

Part # AS1710B-ASCT
Description  High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710B-ASCT Datasheet(HTML) 16 Page - ams AG

Back Button AS1710B-ASCT Datasheet HTML 9Page - ams AG AS1710B-ASCT Datasheet HTML 10Page - ams AG AS1710B-ASCT Datasheet HTML 11Page - ams AG AS1710B-ASCT Datasheet HTML 12Page - ams AG AS1710B-ASCT Datasheet HTML 13Page - ams AG AS1710B-ASCT Datasheet HTML 14Page - ams AG AS1710B-ASCT Datasheet HTML 15Page - ams AG AS1710B-ASCT Datasheet HTML 16Page - ams AG AS1710B-ASCT Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
www.austriamicrosystems.com
Revision 1.06
16 - 17
AS1710/AS1712
Data Sheet - O r d e r i n g I n f o r m a t i o n
10 Ordering Information
The device is available as the standard products shown in Table 6.
All devices are RoHS compliant and free of halogene substances.
Table 6. Ordering Information
Model
Description
Delivery Form
Package
AS1710A-ASCT
Single Op Amp with Shutdown
Tape and Reel
SC70-6
AS1710B-ASCT
Single Op Amp
Tape and Reel
SC70-5
AS1712A-AQFT
Quad Op Amp with Shutdown
Tape and Reel
TQFN-16 3x3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com