Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1742G Datasheet(PDF) 4 Page - ams AG

Part # AS1742G
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1742G Datasheet(HTML) 4 Page - ams AG

  AS1742G Datasheet HTML 1Page - ams AG AS1742G Datasheet HTML 2Page - ams AG AS1742G Datasheet HTML 3Page - ams AG AS1742G Datasheet HTML 4Page - ams AG AS1742G Datasheet HTML 5Page - ams AG AS1742G Datasheet HTML 6Page - ams AG AS1742G Datasheet HTML 7Page - ams AG AS1742G Datasheet HTML 8Page - ams AG AS1742G Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.austriamicrosystems.com
Revision 1.78
4 - 15
AS1741
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
V+ = +2.7 to +3.6V, VIH = +1.4V, VIL = +0.5V, TAMB = TMIN to TMAX (unless otherwise specified). Typ values @ V+ =
+3.0V, TAMB = +25ºC.
Table 4. Power Supply Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V+
Power Supply Range
1.6
3.6
V
I+
Positive Supply
Current
V+ = 3.6V, VINx = 0 or V+, all channels on or off
0.01
1
µA
Table 5. +3V Supply Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Analog Switch
VCOMx,
VNOx, VNCx
Analog Signal Range
0
V+
V
RON
ON-Resistance
V+ = 2.7V, ICOMx = 100mA,
VNOx or VNCx = 1.5V
TAMB = +25ºC
0.35
0.8
Ω
TAMB = TMIN to TMAX
0.9
ΔRON
ON-Resistance Match
Between Channels
1
V+ = 2.7V, ICOMx = 100mA,
VNOx or VNCx = 1.5V
TAMB = +25ºC
0.02
0.08
Ω
TAMB = TMIN to TMAX
0.09
RFLAT(ON)
ON-Resistance
Flatness
2
V+ = 2.7V, ICOMx = 100mA,
VNOx or VNCx = 1, 1.5, or 2V
TAMB = +25ºC
0.02
0.18
Ω
TAMB = TMIN to TMAX
0.20
INOx(OFF),
INCx(OFF)
NOx or NCx Off-
Leakage Current
V+ = 3.3V,
VCOMx = 0.3 or 3.0V, VNOx or
VNCx = 3.0 or 0.3V
TAMB = +25ºC
-1
1
nA
TAMB = TMIN to TMAX
-5
5
ICOMx(OFF)
COMx Off-Leakage
Current
V+ = 3.3V,
VCOMx = 0.3 or 3.0V,
VNOx or VNCx = 3.0, 0.3V
TAMB = +25ºC
-1
1
nA
TAMB = TMIN to TMAX
-5
5
ICOMx(ON)
COMx On-Leakage
Current
V+ = 3.3V,
VCOMx = 3.0 or 0.3V,
NOx
or VNCx = 3.0 or 0.3V
TAMB = +25ºC
-2
2
nA
TAMB = TMIN to TMAX
-10
10
Switch Dynamic Characteristics
tON
Turn On Time
3
VNOx or VNCx = 1.5V,
RLOAD = 50
Ω, CLOAD = 35pF,
Figures 12, 13
TAMB = +25ºC
13
22
ns
TAMB = TMIN to TMAX
24
tOFF
Turn Off Time
3
VNOx or VNCx = 1.5V,
RLOAD = 50
Ω, CLOAD = 35pF,
Figures 12, 13
TAMB = +25ºC
7
14
ns
TAMB = TMIN to TMAX
15
tBBM
Break Before Make
3
VNOx or VNCx = 1.5V,
RLOAD = 50
Ω, CLOAD = 35p,
Figure 14 (AS1743)
TAMB = +25ºC
6
ns
TAMB = TMIN to TMAX
1
Q
Charge Injection
VGEN = 3.3V, RGEN = 0,
CLOAD = 1.0nF, Figure 15
8-pin MSOP
6
pC
8-pin SOT23
5
COFF
NOx, NCx Off-
Capacitance
f = 1MHz, Figure 16
35
pF
CCOMx(OFF) COMx Off-Capacitance
f = 1MHz, Figure 16
35
pF
CCOMx(ON)
COMx On-Capacitance
f = 1MHz, Figure 16
35
pF
BW
-3dB On-Channel
Bandwidth
Signal = 0, RIN = ROUT = 50
Ω,
CLOAD = 5pF, Figure 17
130
MHz
VISO
Off-Isolation
4
f = 1MHz, VCOMx = 1VRMS,
RLOAD = 50
Ω, CLOAD = 5pF, Figure 17
-55
dB
Crosstalk
5
f = 1MHz, VCOMx = 1VRMS,
RLOAD = 50
Ω, CLOAD = 5pF, Figure 17
-100
dB
THD
Total Harmonic
Distortion
f = 20Hz to 20kHz,
VCOMx = 2Vp-p, RLOAD = 32
Ω
0.03
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com