Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1746 Datasheet(PDF) 11 Page - ams AG

Part # AS1746
Description  0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1746 Datasheet(HTML) 11 Page - ams AG

Back Button AS1746_1 Datasheet HTML 7Page - ams AG AS1746_1 Datasheet HTML 8Page - ams AG AS1746_1 Datasheet HTML 9Page - ams AG AS1746_1 Datasheet HTML 10Page - ams AG AS1746_1 Datasheet HTML 11Page - ams AG AS1746_1 Datasheet HTML 12Page - ams AG AS1746_1 Datasheet HTML 13Page - ams AG AS1746_1 Datasheet HTML 14Page - ams AG AS1746_1 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.austriamicrosystems.com
Revision 1.03
11 - 15
AS1746
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 20. On-Loss, Off-Isolation, Crosstalk
Notes:
1. Measurements are standardized against short-circuit at all terminals.
2. Off-isolation is measured between COMx and the off NCx/NOx terminal of each switch.
3. Crosstalk is measured from one channel to all other channels.
4. Signal direction through the switch is reversed; worst values are recorded.
Figure 21. Channel On- Off-Capacitance
COMx
NOx
INx
V+
+5V
50
Ω
50
Ω
50
Ω
50
Ω
VIN
VOUT
10nF
Measure
Reference
GND
Network Analyzer
NCx
AS1746
50
Ω
0V or
V+
Off-isolation = 20LOG(VOUT/VIN)
On-loss = 20LOG(VOUT/VIN)
Crosstalk = 20LOG(VOUT/VIN)
COMx
NCx or
NOx
INx
V+
V+
VIH or VIL
1MHz
Capacitance
Analyzer
GND
10nF
AS1746



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com