Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206DFRB Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # 1206DFRB
Description  Miniature Polypropylene and Foil
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1206DFRB Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  1206DFRB Datasheet HTML 1Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1206DFR-2
63VDC
Cap.
µµµµµF
1206DFR
DIMENSIONS and RATINGS
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629 * E-Mail: efc@filmcapacitors.com * FAX (203) 755-0659
ELECTRONIC FILM CAPACITORS, INC.
(All dimensions in millimeters)
Lead Specs. - Tinned Copperweld
Epoxy Dipped
(Radial Leads)
T
H
L
L
S
DIA.
8.0
5.0
0.5
10.5
7.5
0.6
13.0
10.0
0.6
18.5
15.0
0.8
26.0
22.5
0.8
31.0
27.5
0.8
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
5.0
5.5
6.0
6.5
5.5
6.0
6.5
7.0
6.0
6.5
7.0
8.0
8.5
9.0
9.5
10.5
11.5
12.5
7.5
7.5
7.5
7.5
7.5
7.5
8.0
8.0
8.0
8.0
8.0
8.0
8.0
9.0
10.0
11.0
11.5
11.0
12.0
13.0
14.0
12.0
12.5
13.0
14.0
15.5
16.5
18.0
20.0
22.0
24.0
Miniature
Polypropylene
and Foil
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
<
>
>
<
"L"
max
<
"H"
max
"T"
max
"S"
EFC
1206DFR


Similar Part No. - 1206DFRB

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1206DFR-3 EFC-1206DFR-3 Datasheet
14Kb / 1P
Polypropylene and Foil Capacitors
1206DFRA EFC-1206DFRA Datasheet
14Kb / 1P
Polypropylene and Foil Capacitors
More results

Similar Description - 1206DFRB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
Polyester and Polypropylene Film/Foil Capacitors
logo
Electronic Film Capacit...
1206 EFC-1206 Datasheet
56Kb / 9P
POLYPROPYLENE and FOIL
1206DFRA EFC-1206DFRA Datasheet
14Kb / 1P
Polypropylene and Foil Capacitors
1206EC EFC-1206EC Datasheet
12Kb / 1P
Polypropylene and Foil Capacitors
1206EFRA EFC-1206EFRA Datasheet
13Kb / 1P
Polypropylene and Foil Capacitors
1206EFRB EFC-1206EFRB Datasheet
14Kb / 1P
Polypropylene and Foil Capacitors
1206TC EFC-1206TC Datasheet
12Kb / 1P
Polypropylene and Foil Capacitors
1206TF EFC-1206TF Datasheet
12Kb / 1P
Polypropylene and Foil Capacitors
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
Polypropylene and Foil Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com