Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1904 Datasheet(PDF) 3 Page - ams AG

Part # AS1904
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1904 Datasheet(HTML) 3 Page - ams AG

  AS1904 Datasheet HTML 1Page - ams AG AS1904 Datasheet HTML 2Page - ams AG AS1904 Datasheet HTML 3Page - ams AG AS1904 Datasheet HTML 4Page - ams AG AS1904 Datasheet HTML 5Page - ams AG AS1904 Datasheet HTML 6Page - ams AG AS1904 Datasheet HTML 7Page - ams AG AS1904 Datasheet HTML 8Page - ams AG AS1904 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.austriamicrosystems.com
Revision 1.41
3 - 9
AS1904, AS1905, AS1906
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sec-
tions of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings (TA = 25°C Unless Otherwise Noted)
Parameter
Limits
Units
Notes
VDD to GND
-0.3 to +5
V
RESET/RESETN to GND
-0.3 to VDD + 0.3
V
Input Current (VDD)
20
mA
Output Current (RESET, RESETN)
20
mA
Rate of Rise (VDD)
100
V/µs
Operating Temperature Range (TA)
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Package-Body Peak Temperature
+260
°C
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for non-hermetic
Solid State Surface Mount Devices”



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com