Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1911 Datasheet(PDF) 9 Page - ams AG

Part # AS1911
Description  Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1911 Datasheet(HTML) 9 Page - ams AG

Back Button AS1911 Datasheet HTML 5Page - ams AG AS1911 Datasheet HTML 6Page - ams AG AS1911 Datasheet HTML 7Page - ams AG AS1911 Datasheet HTML 8Page - ams AG AS1911 Datasheet HTML 9Page - ams AG AS1911 Datasheet HTML 10Page - ams AG AS1911 Datasheet HTML 11Page - ams AG AS1911 Datasheet HTML 12Page - ams AG AS1911 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
9 - 15
AS1910 - AS1915
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 11. Functional Diagram of RESETIN Supervisory Application
RESETIN
The AS1910/AS1911/AS1912 feature a user-adjustable supervisory voltage input (RESETIN). The threshold voltage
for RESETIN is between 0.61 and 0.65V (0.63 typ).
Figure 12. Voltage Monitoring Circuit
To monitor a voltage higher than 0.63V, connect a resistor divider network to the circuit as shown in Figure 12. For the
circuit shown in Figure 12, the threshold at VMONITOR is:
VMONITOR_TRIP = 0.63V [(R1 + R2)/R2](EQ 1)
Note:
Since RESETIN is powered by VCC, VRESETIN must not be larger than VCC.
AS1910/AS1911/AS1912
Reset Timeout
Delay Generator
Watchdog Transition
Detector
Watchdog
Timer
VCC
0.63V
+
–
1.26V
2
GND
1
RESETN/
RESET
5
RESETIN
6
VCC
4
WDI
3
MRN
AS1910/
AS1911/
AS1912
R1
R2
VMONITOR
VCC
≥ VRESETIN
5
RESETIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com