Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1912 Datasheet(PDF) 11 Page - ams AG

Part # AS1912
Description  Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1912 Datasheet(HTML) 11 Page - ams AG

Back Button AS1912 Datasheet HTML 7Page - ams AG AS1912 Datasheet HTML 8Page - ams AG AS1912 Datasheet HTML 9Page - ams AG AS1912 Datasheet HTML 10Page - ams AG AS1912 Datasheet HTML 11Page - ams AG AS1912 Datasheet HTML 12Page - ams AG AS1912 Datasheet HTML 13Page - ams AG AS1912 Datasheet HTML 14Page - ams AG AS1912 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
11 - 15
AS1910 - AS1915
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Watchdog Input Current
The watchdog input is driven through an internal buffer and an internal series resistor from the watchdog timer (see
Figure 11 on page 9). When pin WDI is left unconnected (watchdog disabled), the watchdog timer is serviced within the
watchdog timeout period (see tWD on page 6) by a low-high-low pulse from the counter chain. For minimum watchdog
input current (minimum overall power consumption), pull WDI low for most of the watchdog timeout period, pulsing it
low-high-low once within the first 7/8 (87.5%) of the watchdog timeout period to reset the watchdog timer.
Note:
If WDI is externally driven high for the majority of the timeout period, up to 160µA can flow into pin WDI.
Interfacing to Bi-Directional CPU Reset Pins
Since the reset outputs of the AS1912 and AS1915 are open drain, these devices interface easily with processors that
have bi-directional reset pins. Connecting the processor reset output directly to the AS1912/AS1915 RESETN pin with
a single pullup resistor (see Figure 14) allows the AS1912/AS1912 to assert a reset.
Figure 14. AS1912 or AS1915 RESETN-to-CPU Bi-Directional Reset Pin
Fast Negative-Going Transients
Fast, negative-going VCC transients normally do not require the CPU to be shutdown. The AS1910 - AS1915 are virtu-
ally immune to such transients. Resets are issued to the CPU during power-up, powerdown, and brownout conditions.
Note:
VCC transients that go 100mV below the reset threshold and last
≤ 55µs typically will not assert a reset pulse.
Valid Reset to VCC = 0
The AS1910 - AS1915 are guaranteed to operate properly down to VCC = 1V. For applications requiring valid reset lev-
els down to VCC = 0, a pulldown resistor to active-low outputs (push/pull only) and a pullup resistor to active-high out-
puts (push/pull only) will ensure that the reset line is valid during the interval where the reset output can no longer sink
or source current.
Watchdog Tips
Careful consideration should be taken when implementing the AS1910 - AS1915 watchdog feature.
One method of supervising software code execution is to set/reset the watchdog input at different places in the code,
rather than pulsing the watchdog input high-low-high or low-high-low. This method avoids a loop condition in which the
watchdog timer would continue to be reset inside the loop, preventing the watchdog from ever timing out.
Figure 15 shows a flowchart where the input/output driving the watchdog is set high at the beginning of the routine, set
low at the beginning of every subroutine, then set high again when the routine returns to the beginning. If the routine
should hang in a subroutine, the problem would quickly be corrected, since the I/O is continually set low and the watch-
dog timer is allowed to time out, causing a reset or interrupt to be issued (see Watchdog Input Current on page 11).
This method results in higher averaged WDI input current over time than a case where WDI is held low for the majority
(87.5%) of the timeout period and periodically pulsing it low-high-low.
AS1912/
AS1915
CPU
Reset
Generator
VCC
RESETN
GND
VCC
VCC
1
RESETN
GND
2
VCC 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com